Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2761B-1
Description  4-PIN SOP PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2761B-1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2761B-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PS2761B-1
R08DS0106EJ0400 Rev.4.00
Page 5 of 13
Jan 29, 2013
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal
Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor Collector to Emitter
Dark Current
ICEO
IF = 0 mA, VCE = 24 V
100
nA
Coupled
IF = 5 mA, VCE = 5 V
50
100
400
%
Current Transfer
Ratio (IC/IF)
*1
CTR
IF = 1 mA, VCE = 5 V
10
50
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Ω
Isolation
Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 100
Ω
4
μs
Fall Time
*2
tf
5
Turn-on Time
*2
ton
8
Turn-off Time
*2
toff
5
Note: *1. CTR rank
CTR rank
CTR (%)
Conditions
K
200 to 400
IF = 5 mA, VCE = 5 V
40 and larger
IF = 1 mA, VCE = 5 V
L
100 to 300
IF = 5 mA, VCE = 5 V
20 and larger
IF = 1 mA, VCE = 5 V
M
50 to 150
IF = 5 mA, VCE = 5 V
10 and larger
IF = 1 mA, VCE = 5 V
N
50 to 400
IF = 5 mA, VCE = 5 V
10 and larger
IF = 1 mA, VCE = 5 V
*2. Test Circuit for Switching Time
VCC
VOUT
IF
RL = 100
Ω
50
Ω
Input
Output
In monitor
Pulse Input
PW = 100 s
Duty cycle = 1/10
μ
90%
10%
tr
td
tf
ts
ton
toff
<R>
<R>


Similar Part No. - PS2761B-1_15

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1-A NEC-PS2761B-1-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1-A CEL-PS2761B-1-A Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1-F3 NEC-PS2761B-1-F3 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1-F3 CEL-PS2761B-1-F3 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1-F3-A NEC-PS2761B-1-F3-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com