Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801-1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2801-1
Description  High isolation voltage Small and thin package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801-1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2801-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS2801-1, PS2801-4
R08DS0096EJ0500 Rev.5.00
Page 5 of 14
Jan 23, 2013
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Diode
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
15
pF
Transistor
Collector to Emitter
Dark Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
80
600
%
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.4
pF
Rise Time
*2
tr
3
Fall Time
*2
tf
5
Turn-on Time
*2
ton
6
Coupled
Turn-off Time
*2
toff
VCC = 5 V, IC = 2 mA, RL = 100
Ω
5
μs
Notes:
*1. CTR rank (PS2801-1 only)
K : 300 to 600 (%)
P : 150 to 300 (%)
L : 100 to 300 (%)
N : 80 to 600 (%)
*2. Test circuit for switching time
VCC
VOUT
RL = 100
Ω
IF
50
Ω
Pulse Input
PW = 100 s
Duty Cycle = 1/10
μ
Input
Output
90%
10%
tr
td
tf
ts
ton
toff
<R>
<R>


Similar Part No. - PS2801-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
NEC
PS2801-1-F3 NEC-PS2801-1-F3 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801-1-F3 CEL-PS2801-1-F3 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-F3 CEL-PS2801-1-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1_15 Datasheet
280Kb / 16P
   High isolation voltage Small and thin package
logo
Advanced Power Electron...
AP4425GO A-POWER-AP4425GO_14 Datasheet
124Kb / 4P
   Small & Thin Package
logo
KODENSHI_AUK CORP.
HPI610A KODENSHI-HPI610A Datasheet
185Kb / 3P
   Small thin SMD package
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Hamamatsu Corporation
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com