Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801-1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2801-1
Description  High isolation voltage Small and thin package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801-1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2801-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2801-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R08DS0096EJ0500 Rev.5.00
Page 1 of 14
Jan 23, 2013
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
(Top View)
PIN CONNECTION
PS2801-1
PS2801-4
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Data Sheet
PS2801-1,PS2801-4
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
DESCRIPTION
The PS2801-1 and PS2801-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon
phototransistor in a plastic SSOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SSOP, Pin pitch 1.27 mm)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
μs TYP., tf = 5 μs TYP.)
• Ordering number of tape product: PS2801-1-F3, PS2801-4-F3
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• BSI approved (BS EN 60065, BS EN 60950)
• CSA approved: No. CA 101391(CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Power supply
• Hybrid IC
R08DS0096EJ0500
Rev.5.00
Jan 23, 2013
<R>
<R>


Similar Part No. - PS2801-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
NEC
PS2801-1-F3 NEC-PS2801-1-F3 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801-1-F3 CEL-PS2801-1-F3 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-F3 CEL-PS2801-1-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1_15 Datasheet
280Kb / 16P
   High isolation voltage Small and thin package
logo
Advanced Power Electron...
AP4425GO A-POWER-AP4425GO_14 Datasheet
124Kb / 4P
   Small & Thin Package
logo
KODENSHI_AUK CORP.
HPI610A KODENSHI-HPI610A Datasheet
185Kb / 3P
   Small thin SMD package
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Hamamatsu Corporation
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com