Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801C-4-V-F3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2801C-4-V-F3
Description  PS2805-1_15v
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-4-V-F3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2801C-4-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 4 of 12
Jan 9, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification etc.
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS2801C-1-F3
PS2801C-1-F3-A
Embossed Tape 3 500 pcs/reel
PS2801C-1
PS2801C-4-F3
PS2801C-4-F3-A
Embossed Tape 2 500 pcs/reel
Standard products
(UL, CSA, BSI
approved)
PS2801C-4
PS2801C-1-V-F3
PS2801C-1-V-F3-A
Embossed Tape 3 500 pcs/reel
PS2801C-1
PS2801C-4-V-F3
PS2801C-4-V-F3-A
Pb-Free
Embossed Tape 2 500 pcs/reel
DIN EN 60747-5-5
(VDE0884-5)
Approved (Option)
PS2801C-4
PS2801C-1-F3
PS2801C-1Y-F3-A
Embossed Tape 3 500 pcs/reel
Standard products
(UL, CSA, BSI
approved)
PS2801C-1-V-F3
PS2801C-1Y-V-F3-A
Special version
(Pb-Free and
Halogen Free)
Embossed Tape 3 500 pcs/reel
DIN EN 60747-5-5
(VDE0884-5)
Approved (Option)
PS2801C-1
Note:
*1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2801C-1
PS2801C-4
Unit
Forward Current (DC)
IF
30
mA/ch
Reverse Voltage
VR
6
V
Power Dissipation Derating
ΔP
D/°C
0.6
0.8
mW/
°C
Power Dissipation
PD
60
80
mW/ch
Diode
Peak Forward Current
*1
IFP
0.5
A/ch
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
30
mA/ch
Power Dissipation Derating
ΔP
C/°C
1.2
mW/
°C
Transistor
Power Dissipation
PC
120
mW/ch
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes:
*1. PW = 100
μs, Duty Cycle = 1%
*2. AC voltage for 1 minute at T
A = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together (PS2801C-1).
Pins 1-8 shorted together, 9-16 shorted together (PS2801C-4).
<R>


Similar Part No. - PS2801C-4-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-4-V-F3 CEL-PS2801C-4-V-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-4-V-F3 RENESAS-PS2801C-4-V-F3 Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com