Electronic Components Datasheet Search |
|
PS2911-1-V-F3 Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
PS2911-1-V-F3 Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 14 page R08DS0110EJ0300 Rev.3.00 Page 1 of 12 May 24, 2013 The mark <R> shows major revised points. The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field. PIN CONNECTION (Top View) 1. Anode 2. Cathode 3. Emitter 4. Collector 43 12 Data Sheet PS2911-1 HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER DESCRIPTION The PS2911-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon phototransistor in one package for high density mounting applications. An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 30% compared with the PS28xx series. FEATURES • Ultra small flat-lead package (4.6 (L) × 2.5 (W) × 2.1 (H) mm) • High current transfer ratio (CTR = 200% TYP. @ I F = 1 mA, VCE = 5 V) • High isolation voltage (BV = 2 500 Vr.m.s.) • Ordering number of taping product: PS2911-1-F3: 3 500 pcs/reel • Safety standards • UL approved: No. E72422 • BSI approved (BS EN 60065, BS EN 60950) • DIN EN 60747-5-5 (VDE 0884-5) approved (Option) APPLICATIONS • DC/DC converter • Modem/PC card R08DS0110EJ0300 Rev.3.00 May 24, 2013 <R> |
Similar Part No. - PS2911-1-V-F3 |
|
Similar Description - PS2911-1-V-F3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |