Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8551AL4-E3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS8551AL4-E3
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8551AL4-E3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS8551AL4-E3 Datasheet HTML 2Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 3Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 4Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 5Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 6Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 7Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 8Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 9Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PS8551AL4
Chapter Title
R08DS0123EJ0100 Rev.1.00
Page 6 of 18
Jun 27, 2014
ELECTRICAL CHARACTERISTICS (AC Characteristics)
(TYP.: TA = 25
°C, VIN+ = VIN− = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VOUT Bandwidth (
−3 dB)
fC
VIN+ = 200 mVp-p, sine wave
50
100
kHz
VOUT Noise
NOUT
VIN+ = 0 V
15.6
mVr.m.s.
VIN to VOUT Signal Delay (50 to 10%)
tPD10
VIN+ = 0 to 150 mV step
2.4
3.3
μs
VIN to VOUT Signal Delay (50 to 50%)
tPD50
4.2
5.6
VIN to VOUT Signal Delay (50 to 90%)
tPD90
6.1
9.9
VOUT Rise Time/Fall Time (10 to 90%)
tr/tf
VIN+ = 0 to 150 mV step
3.1
6.6
μs
Common Mode Transient Immunity
*1
CMTI
VCM = 0.5 kV, tr = 20 ns, TA = 25
°C
10
28
kV/
μs
Power Supply Noise Rejection
*2
PSR
f = 1 MHz
40
mVr.m.s.
*1 CMTI is tested by applying a pulse that rises and falls suddenly (VCM = 0.5 kV) between GND1 on the input side
and GND2 on the output side (pins 4 and 5) by using the circuit shown in Fig. 9 CMTI Test Circuit. CMTI is
defined at the point where the differential output voltage (VOUT+
− VOUT−) fluctuates 200 mV (>1
μs) or more from the
average output voltage.
*2 This is the value of the transient voltage at the differential output when 1 Vp-p, 1 MHz, and 40 ns rise/fall time
square wave is applied to both VDD1 and VDD2.


Similar Part No. - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4-E3 CEL-PS8551AL4-E3 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-E3-AX CEL-PS8551AL4-E3-AX Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com