Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8551AL4-E3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS8551AL4-E3
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8551AL4-E3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS8551AL4-E3 Datasheet HTML 1Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 2Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 3Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 4Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 5Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 6Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 7Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 8Page - Renesas Technology Corp PS8551AL4-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R08DS0123EJ0100 Rev.1.00
Page 1 of 18
Jun 27, 2014
1. VDD1
2. VIN+
3. VIN–
4. GND1
5. GND2
6. VOUT–
7. VOUT+
8. VDD2
PIN CONNECTION
(Top View)
12
4
3
65
87
Preliminary Data Sheet
PS8551AL4
ANALOG OUTPUT TYPE
OPTICAL COUPLED ISOLATION AMPLIFIER
DESCRIPTION
The PS8551AL4 is an optically coupled isolation amplifier that uses an IC with a high-accuracy sigma-delta A/D
converter and a GaAIAs light-emitting diode with high-speed response and high luminance efficiency on the input side,
and an IC with a high-accuracy D/A converter on the output side.
The PS8551AL4 is designed specifically for high common mode transient immunity (CMTI) and high linearity (non-
linearity). The PS8551AL4 is designed for current and voltage sensing.
FEATURES
• Non-linearity (NL200 = 0.35% MAX.)
• High common mode transient immunity (CMTI = 10 kV/
μs MIN.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• Gain tolerance (G = 7.92 to 8.08 (
±1%))
Gain: 8 V/V TYP.
• Package: 8-pin DIP lead bending type (Gull-wing) for long creepage distance for
surface mount (L4)
• Embossed tape product: PS8551AL4-E3: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• SEMKO approved (EN60065, EN60950)
• DIN EN60747-5-5 (VDE0884-5) approved (Option)
APPLICATIONS
• AC Servo, inverter
• Solar power conditioner
• Measurement equipment
R08DS0123EJ0100
Rev.1.00
Jun 27, 2014


Similar Part No. - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4-E3 CEL-PS8551AL4-E3 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4-E3-AX CEL-PS8551AL4-E3-AX Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551AL4-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com