Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75309D3S Datasheet(PDF) 4 Page - Intersil Corporation

Part # HUF75309D3S
Description  19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75309D3S Datasheet(HTML) 4 Page - Intersil Corporation

  HUF75309D3S Datasheet HTML 1Page - Intersil Corporation HUF75309D3S Datasheet HTML 2Page - Intersil Corporation HUF75309D3S Datasheet HTML 3Page - Intersil Corporation HUF75309D3S Datasheet HTML 4Page - Intersil Corporation HUF75309D3S Datasheet HTML 5Page - Intersil Corporation HUF75309D3S Datasheet HTML 6Page - Intersil Corporation HUF75309D3S Datasheet HTML 7Page - Intersil Corporation HUF75309D3S Datasheet HTML 8Page - Intersil Corporation HUF75309D3S Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
Typical Performance Curves (Continued)
100
10-4
10-3
10-2
10-1
100
101
10-5
10
500
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
10
100
10
100
200
1
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10ms
1ms
VDSS(MAX) = 55V
TJ = MAX RATED
TC = 25
oC
100
µs
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
SINGLE PULSE
10
100
0.01
0.1
1
10
0.001
1
200
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
8
16
24
32
40
2468
0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
VGS = 20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX, TC = 25
oC
VGS = 5V
VGS = 7V
VGS = 10V
8
16
24
32
40
2468
0
0
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
175oC
HUF75309P3, HUF75309D3, HUF75309D3S


Similar Part No. - HUF75309D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75309D3S FAIRCHILD-HUF75309D3S Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUF75309D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75309P3 FAIRCHILD-HUFA75309P3 Datasheet
217Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com