Electronic Components Datasheet Search |
|
2SJ461 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2SJ461 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 3 page SMD Type www.kexin.com.cn 1 MOSFET P-Channel MOSFET 2SJ461 ■ Features ● VDS (V) =-50V ● ID =-0.1 A ● RDS(ON) < 50Ω (VGS =-4V) ● RDS(ON) < 100Ω (VGS =-2.5V) 0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 1 2 3 Unit: mm SOT-23 0.1 +0.05 -0.01 1. Gate 2. Source 3. Drain ■ Absolute Maximum Ratings Ta = 25℃ Parameter Symbol Rating Unit Drain-Source Voltage VDS -50 Gate-Source Voltage VGS ± 7 Continuous Drain Current ID -0.1 Pulsed Drain Current (Note.1) IDM -0.2 Power Dissipation PD 0.2 W Junction Temperature TJ 150 Junction Storage Temperature Range Tstg -55 to 150 V ℃ A Note.1: PW ≤ 10 ms, duty cycle ≤ 1% ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=-250μA, VGS=0V -50 V Zero Gate Voltage Drain Current IDSS VDS=-50V, VGS=0V -1 uA Gate-Body leakage current IGSS VDS=0V, VGS=±7V ± 3 uA Gate to Source Cutoff Voltage VGS(off) VGS=-3V ID=-1mA -0.7 -1.3 V VGS=-4V, ID=-10mA 50 VGS=-2.5V, ID=-3mA 100 Forward Transconductance gFS VDS=-3V, ID=-10mA 12 mS Input Capacitance Ciss 6 Output Capacitance Coss 9 Reverse Transfer Capacitance Crss 1.6 Turn-On DelayTime td(on) 32 Turn-On Rise Time tr 270 Turn-Off DelayTime td(off) 45 Turn-Off Fall Time tf 130 Static Drain-Source On-Resistance RDS(On) Ω pF ns VGS(on)=-3V, ID=-20mA, RL=200Ω,RG=10Ω,VDD=-3V VGS=0V, VDS=-3V, f=1MHz ■ Marking Marking H19 |
Similar Part No. - 2SJ461_15 |
|
Similar Description - 2SJ461_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |