Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75531SK8 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HUF75531SK8
Description  6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75531SK8 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HUF75531SK8 Datasheet HTML 4Page - Intersil Corporation HUF75531SK8 Datasheet HTML 5Page - Intersil Corporation HUF75531SK8 Datasheet HTML 6Page - Intersil Corporation HUF75531SK8 Datasheet HTML 7Page - Intersil Corporation HUF75531SK8 Datasheet HTML 8Page - Intersil Corporation HUF75531SK8 Datasheet HTML 9Page - Intersil Corporation HUF75531SK8 Datasheet HTML 10Page - Intersil Corporation HUF75531SK8 Datasheet HTML 11Page - Intersil Corporation HUF75531SK8 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SPICE Thermal Model
REV 12 Feb 2000
HUF75531SK8
Copper Area = 0.04 in2
CTHERM1 th 8 2.0e-3
CTHERM2 8 7 5.0e-3
CTHERM3 7 6 1.0e-2
CTHERM4 6 5 4.0e-2
CTHERM5 5 4 9.0e-2
CTHERM6 4 3 1.2e-1
CTHERM7 3 2 0.5
CTHERM8 2 tl 1.3
RTHERM1 th 8 0.1
RTHERM2 8 7 0.5
RTHERM3 7 6 1.0
RTHERM4 6 5 5.0
RTHERM5 5 4 8.0
RTHERM6 4 3 26
RTHERM7 3 2 39
RTHERM8 2 tl 55
C
SABER Thermal Model
Copper Area = 0.04 in2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 = 2.0e-3
ctherm.ctherm2 8 7 = 5.0e-3
ctherm.ctherm3 7 6 = 1.0e-2
ctherm.ctherm4 6 5 = 4.0e-2
ctherm.ctherm5 5 4 = 9.0e-2
ctherm.ctherm6 4 3 = 1.2e-1
ctherm.ctherm7 3 2 = 0.5
ctherm.ctherm8 2 tl = 1.3
rtherm.rtherm1 th 8 = 0.1
rtherm.rtherm2 8 7 = 0.5
rtherm.rtherm3 7 6 = 1.0
rtherm.rtherm4 6 5 = 5.0
rtherm.rtherm5 5 4 = 8.0
rtherm.rtherm6 4 3 = 26
rtherm.rtherm7 3 2 = 39
rtherm.rtherm8 2 tl = 55
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. Thermal Models
COMPONENT
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.0 in2
CTHERM6
1.2e-1
1.5e-1
2.0e-1
2.0e-1
2.0e-1
CTHERM7
0.5
1.0
1.0
1.0
1.0
CTHERM8
1.3
2.8
3.0
3.0
3.0
RTHERM6
26
20
15
13
12
RTHERM7
39
24
21
19
18
RTHERM8
55
38.7
31.3
29.7
25
HUF75531SK8


Similar Part No. - HUF75531SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75531SK8 FAIRCHILD-HUF75531SK8 Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75531SK8T FAIRCHILD-HUF75531SK8T Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75531SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75531SK8 FAIRCHILD-HUF75531SK8 Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75531SK8 FAIRCHILD-HUFA75531SK8 Datasheet
250Kb / 11P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF75545P3 FAIRCHILD-HUF75545P3 Datasheet
270Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com