Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM693A Datasheet(PDF) 5 Page - Analog Devices

Part # ADM693A
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM693A Datasheet(HTML) 5 Page - Analog Devices

  ADM693A_15 Datasheet HTML 1Page - Analog Devices ADM693A_15 Datasheet HTML 2Page - Analog Devices ADM693A_15 Datasheet HTML 3Page - Analog Devices ADM693A_15 Datasheet HTML 4Page - Analog Devices ADM693A_15 Datasheet HTML 5Page - Analog Devices ADM693A_15 Datasheet HTML 6Page - Analog Devices ADM693A_15 Datasheet HTML 7Page - Analog Devices ADM693A_15 Datasheet HTML 8Page - Analog Devices ADM693A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–5–
REV. 0
Typical Performance Curves–
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
100
20
70
40
30
90
80
60
50
Figure 2. ICC vs. Temperature: Normal Operation
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
60
30
45
40
35
55
50
Figure 3. IBATT vs. Temperature: Battery Backup Mode
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
80
20
50
40
30
70
60
Figure 4. Chip Enable ON-Resistance vs. Temperature
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
1.2
0.6
0.9
0.8
0.7
1.1
1.0
Figure 5. VCC to VOUT ON-Resistance vs. Temperature
IOUT – mA
80
0
40
120
60
80
100
70
40
30
20
10
60
50
ROUT = 0.67Ω
Figure 6. VCC to VOUT Voltage Drop vs. Current
IOUT – mA
70
0
410
68
60
50
40
20
10
30
ROUT = 7Ω
Figure 7. VBATT to VOUT Voltage Drop vs. Current


Similar Part No. - ADM693A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM693AAN AD-ADM693AAN Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AAN AD-ADM693AAN Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AAN AD-ADM693AAN Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AAN AD-ADM693AAN Datasheet
278Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AARN AD-ADM693AARN Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM693A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com