Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6001 Datasheet(PDF) 1 Page - ADTech

Part # ADT6001
Description  Constant current offline LED driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6001 Datasheet(HTML) 1 Page - ADTech

  ADT6001 Datasheet HTML 1Page - ADTech ADT6001 Datasheet HTML 2Page - ADTech ADT6001 Datasheet HTML 3Page - ADTech ADT6001 Datasheet HTML 4Page - ADTech ADT6001 Datasheet HTML 5Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ADT6001
High power-factor, constant current offline LED driver IC
High Power-factor
Constant current offline LED driver IC
ADT6001
The ADT6001 is a low power, high power-factor, constant current offline LED driver IC.
It can operate with wide input voltage range from 90V to 270VAC. It supports flyback
topology and achieves very high power factor.
It
t LED Di
i
f t
It d t t t
l
f
ll
it h
d h
th LED
t
DESCRIPTION
It supports LED Dimming feature. It detects toggle of wall switch and changes the LED current
accordingly. It can replace then existing any light bulb with ADT6001 LED light bulb without
any rewiring.
It provides 3 dimming step, full power, 30%, and 15%.
It also include over-temperature protection, it turns off the switching when its junction
temperature exceeds 150℃.
FEATURES
• 90V to 270VAC wide input range
• High power factor architecture
• High efficiency : up to 88% sinusoidal flyback
• No need for any electrolytic capacitor
• 450mV current-limit voltage
• Natural current limited soft start
APPLICATIONS
• General LED lighting
• Stairway, hallway, or warehouse lighting
• Lighting for public buildings including
airports, train stations, subway stations,
schools, factories
• Natural current-limited soft start
(no inrush current)
• Over-temperature protection
• No-load protection, open feedback loop protection
• Available in MSOP-10 package
TYPICAL APPLICATION
TYPICAL APPLICATION
R6
7.5k
R1
1M
••
D5
R3
270k
C4
470p
R5
510k
D6
C2
0.1u
4.7mH
AC
AC
V+
V-
Cx
Fuse
0.5A
AC
90V~260VAC
HD06 (600V, 0.8A)
EI1916
103T/34T/17T
LED
D2
C14
10u
C8
4.7u
1W LED x 8
ADT6001
VDDH
ADT6001
GND
ISEN
1n
Rsen
0.82
1k
OUT
82
Q1
VSEN
D6
SPD02N60S5, 600V, 1.8A, 3Ω
PD1
47n
PD2
4.7n
AROUT
SCALE
R9/150k
R14/270k
Jun. 26. 2013
1/5
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
CT
680p
R14/270k


Similar Part No. - ADT6001

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
More results

Similar Description - ADT6001

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
STMicroelectronics
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
SHENZHEN FUMAN ELECTRON...
TC5021 FUMAN-TC5021 Datasheet
711Kb / 14P
   16-bit constant current LED driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC5020C FUMAN-TC5020C Datasheet
864Kb / 14P
   16-bit constant current LED driver IC
TC5123 FUMAN-TC5123 Datasheet
832Kb / 14P
   16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com