Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM698 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM698
Description  Microprocessor Supervisory Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM698 Datasheet(HTML) 3 Page - Analog Devices

  ADM698_15 Datasheet HTML 1Page - Analog Devices ADM698_15 Datasheet HTML 2Page - Analog Devices ADM698_15 Datasheet HTML 3Page - Analog Devices ADM698_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADM698/ADM699
REV. 0
–3–
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
+5 V Power Supply Input.
GND
0 V. Ground reference for all signals.
RESET
Logic Output. RESET goes low whenever VCC
falls below the reset voltage threshold (4.65 V
typ). RESET remains low for a minimum of
140 ms after VCC returns to 5 V. RESET also
goes low for a minimum of 140 ms if the watchdog
timer is enabled but not serviced within its time-
out period.
WDI
Watchdog Input. WDI is a three level input. If
WDI remains either high or low for longer than
the watchdog timeout period, RESET pulses low
and WDO goes low. The timer resets with each
transition on the WDI line. The watchdog timer
may be disabled if WDI is left floating or is driven
to midsupply.
RESET
(SOIC packages only) Logic Output. RESET is
an active high output. It is the inverse of RESET.
WDO
(SOIC ADM699 only) Logic Output. The
Watchdog Output, WDO, goes low if WDI
remains either high or low for longer than the
watchdog timeout period. WDO is set high by the
next transition at WDI. If WDI is unconnected or
at midsupply, the watchdog timer is disabled and
WDO
remains high.
PIN CONFIGURATION (DIP)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
O
TOP VIEW
(Not to Scale)
ADM698/
ADM699
VCC
VCC
GND
GND
GND
NC (WDI)
*
NC
*( ) ADM699 ONLY
RESET
PIN CONFIGURATION (SOIC)
1
2
3
4
16
15
14
13
TOP VIEW
(Not to Scale)
O
5
12
6
11
710
89
TOP VIEW
(Not to Scale)
ADM698/
ADM699
GND
VCC
VCC
GND
NC
NC
NC
NC
RESET
NC
NC
NC (WDI)
*
NC
GND
RESET
NC (WDO)
*
*( ) ADM699 ONLY
TYPICAL PERFORMANCE CURVES
4.70
4.68
4.66
4.64
4.62
20
40
60
80
100
120
POWER UP
POWER DOWN
VCC = +5V
TEMPERATURE –
°C
Figure 3. RESET Voltage Threshold vs. Temperature
215
210
205
200
195
20
40
60
80
100
120
TEMPERATURE –
°C
VCC = +5V
Figure 2. RESET Active Time vs. Temperature
10
90
100
0%
1V
A4
500ms
3.36 V
1V
Figure 1. RESET Output Voltage vs. VCC


Similar Part No. - ADM698_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM698AN AD-ADM698AN Datasheet
254Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM698AQ AD-ADM698AQ Datasheet
254Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM698AR AD-ADM698AR Datasheet
254Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM698SQ AD-ADM698SQ Datasheet
254Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM698_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com