Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75637S3S Datasheet(PDF) 2 Page - Intersil Corporation

Part # HUF75637S3S
Description  44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75637S3S Datasheet(HTML) 2 Page - Intersil Corporation

  HUF75637S3S Datasheet HTML 1Page - Intersil Corporation HUF75637S3S Datasheet HTML 2Page - Intersil Corporation HUF75637S3S Datasheet HTML 3Page - Intersil Corporation HUF75637S3S Datasheet HTML 4Page - Intersil Corporation HUF75637S3S Datasheet HTML 5Page - Intersil Corporation HUF75637S3S Datasheet HTML 6Page - Intersil Corporation HUF75637S3S Datasheet HTML 7Page - Intersil Corporation HUF75637S3S Datasheet HTML 8Page - Intersil Corporation HUF75637S3S Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
100
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 44A, VGS = 10V (Figure 9)
-
0.0255
0.030
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220 and TO-263
-
-
0.97
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 50V, ID = 44A
VGS = 10V,
RGS = 6.2Ω
(Figures 18, 19)
-
-
130
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-75-
ns
Turn-Off Delay Time
td(OFF)
-37-
ns
Fall Time
tf
-61-
ns
Turn-Off Time
tOFF
-
-
150
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 50V,
ID = 44A,
Ig(REF) = 1.0mA
(Figures 13, 16, 17)
-
90
108
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
48
58
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
3.1
3.8
nC
Gate to Source Gate Charge
Qgs
-
6.5
-
nC
Gate to Drain "Miller" Charge
Qgd
-17-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
1700
-
pF
Output Capacitance
COSS
-
460
-
pF
Reverse Transfer Capacitance
CRSS
-
145
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 44A
-
-
1.25
V
ISD = 22A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 44A, dISD/dt = 100A/µs
-
-
105
ns
Reverse Recovered Charge
QRR
ISD = 44A, dISD/dt = 100A/µs
-
-
305
nC
HUF75637P3, HUF75637S3S


Similar Part No. - HUF75637S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75637S3S FAIRCHILD-HUF75637S3S Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75637S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
logo
Intersil Corporation
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75531SK8 FAIRCHILD-HUF75531SK8 Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75531SK8 FAIRCHILD-HUFA75531SK8 Datasheet
250Kb / 11P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com