Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6051 Datasheet(PDF) 3 Page - ADTech

Part # ADT6051
Description  Dimmable CC / CV IC for LED Lighting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6051 Datasheet(HTML) 3 Page - ADTech

  ADT6051 Datasheet HTML 1Page - ADTech ADT6051 Datasheet HTML 2Page - ADTech ADT6051 Datasheet HTML 3Page - ADTech ADT6051 Datasheet HTML 4Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
* This specifications are subject to be changed without notice
ADT6051
Dimmable Constant Current / Constant Voltage IC
http://www.ad-tech.co.kr
DEC. 15. 2014
3/4
ABSOLUTE MAXIMUM RATINGS (Note1)
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Note2. Measured on JESD51-7, 4-layer PCB
ELECTRICAL CHARACTERISTICS
(VCC = 15V, Ta=25°C , unless otherwise specified)
Parameter
Symbol
Rating
Units
Ground Voltage
GND
-0.3
V
Power Voltage
VCC
-0.3 ~ 60
V
Open Drain Output
OUT
-0.3 ~ 60
V
All Other pins
DC5V, VSEN, ISEN, PWM, ADIM
-0.3 ~ 6
V
Junction Temperature
T
J
-40 ~ 150
Storage Temperature
T
STG
-65 ~ 150
Thermal Resistance (Note2)
θ
JA
150
℃/W
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Units
Device supply
Power supply operating range
VCC
8
15
55
V
VCC OVP
VCCOVP
55
58.5
-
V
LED off VCC
V(ADIM)=0V
VCCLEDOFF
8.5
10
11.5
V
VCC quiescent current
V(ISEN)=V(VSEN)=0V
ICC
-
0.5
1.0
mA
PWM
dimming
PWM input high level
VPWMH
1.5
-
-
V
PWM input low level
VPWML
-
-
0.8
V
PWM dimming frequency
FPWM
0.1
-
100
kHz
PWM duty range
DPWM
10
-
100
%
Threshold duty (LED OFF) (Note3)
DOFF
3.7
6.7
9.7
%
Threshold duty (LED ON) (Note3)
DON
7
10
13
%
Pull up current
V(PWM)=0V
IPULLUP
-
9
15
uA
Analog
dimming
Analog dimming input voltage
VADIM
0.1
-
1.0
V
Threshold voltage (LED OFF)
VOFF
37
67
97
mV
Threshold voltage (LED ON)
VON
70
100
130
mV
Pin input current
V(ADIM)=1V
IADIM
-3
0
3
uA
Current
control loop
Transconductance, Sink current only (Note3)
GMISEN
-
9.5
-
V/A
Current sensing reference voltage
I(OUT)=100uA
VISEN
297
300
303
mV
Pin input current
V(ISEN)=5V
IISEN
-1
0
1
uA
Voltage
control loop
Transconductance, Sink current only (Note3)
GMVSEN
-
5.2
-
V/A
Voltage sensing reference voltage
I(OUT)=100uA
VVSEN
0.95
1.00
1.05
V
Pin input current
V(VSEN)=5V
IVSEN
-1
0
1
uA
Output stage
Lower output voltage, Sink current only
I(OUT)=1mA, V(ISEN)=1V
VOL
-
0.7
1.1
V
Output short circuit current.
V(OUT)=5V, V(ISEN)=1V
IOUTMAX
3
6
10
mA
DC 5V output
DC 5V output voltage
I(DC5V)=5mA
VDC5V
4.5
5.0
5.5
V
Output short circuit current.
V(DC5V)=0V
IDC5Vmax
8
16
24
mA
Temperature
protection
Over temperature protection (Note3)
OTP
-
150
-
OTP hysteresis (Note3)
OTPHYS
-
40
-
Note 3 : The parameter is guaranteed by design. It is not tested in production.


Similar Part No. - ADT6051

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
More results

Similar Description - ADT6051

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
NXP Semiconductors
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com