Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75823D3S Datasheet(PDF) 7 Page - Intersil Corporation

Part # HUF75823D3S
Description  14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75823D3S Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HUF75823D3S Datasheet HTML 3Page - Intersil Corporation HUF75823D3S Datasheet HTML 4Page - Intersil Corporation HUF75823D3S Datasheet HTML 5Page - Intersil Corporation HUF75823D3S Datasheet HTML 6Page - Intersil Corporation HUF75823D3S Datasheet HTML 7Page - Intersil Corporation HUF75823D3S Datasheet HTML 8Page - Intersil Corporation HUF75823D3S Datasheet HTML 9Page - Intersil Corporation HUF75823D3S Datasheet HTML 10Page - Intersil Corporation HUF75823D3S Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PSPICE Electrical Model
.SUBCKT HUF75823 2 1 3 ;
rev 18 February 2000
CA 12 8 1.2e-9
CB 15 14 1.3e-9
CIN 6 8 7.4e-10
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 157.1
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1.0e-9
LGATE 1 9 3.11e-9
LSOURCE 3 7 3.72e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 7.7e-2
RGATE 9 20 2.13
RLDRAIN 2 5 10
RLGATE 1 9 31.1
RLSOURCE 3 7 37.2
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 3.0e-2
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*25),3))}
.MODEL DBODYMOD D (IS = 6.5e-13 RS = 1.06e-2 XTI = 5 TRS1 = 2.4e-3 TRS2 = 1.5e-6 CJO = 8.0e-10 TT = 1.1e-7 M = 0.6)
.MODEL DBREAKMOD D (RS = 2.0 TRS1 = 2.0e-3 TRS2 = 1.0e-6)
.MODEL DPLCAPMOD D (CJO = 8.9e-10 IS = 1e-30 M = 0.8)
.MODEL MMEDMOD NMOS (VTO = 3.36 KP = 5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 2.13)
.MODEL MSTROMOD NMOS (VTO = 3.84 KP = 63 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 2.89 KP = 0.08 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 21.3 )
.MODEL RBREAKMOD RES (TC1 = 1.08e-3 TC2 = -6.0e-7)
.MODEL RDRAINMOD RES (TC1 = 1.1e-2 TC2 = 2.7e-5)
.MODEL RSLCMOD RES (TC1 = 3.5e-3 TC2 = 2.0e-6)
.MODEL RSOURCEMOD RES (TC1 = 1e-3 TC2 = 1e-6)
.MODEL RVTHRESMOD RES (TC1 = -2.8e-3 TC2 = -9.0e-6)
.MODEL RVTEMPMOD RES (TC1 = -2.1e-3 TC2 = -9.0e-7)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -5.8 VOFF= -2.4)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.4 VOFF= -5.8)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -1.8 VOFF= 0.5)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.5 VOFF= -1.8)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUF75823D3, HUF75823D3S


Similar Part No. - HUF75823D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75823D3S FAIRCHILD-HUF75823D3S Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75823D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75829D3 FAIRCHILD-HUF75829D3 Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com