Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF313 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF313
Description  The RF Line NPN Silicon High-Frequency Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF313 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF313_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF313_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF313_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF313_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
The RF Line NPN Silicon High-Frequency Transistor
1.0W, 400MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF313
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
Designed for wideband amplifier, driver or oscillator applications in
military, mobile, and aircraft radio.
Specified 28 V, 400 MHz characteristics —
Output power = 1.0 W
Power gain = 15 dB min.
Efficiency = 45% typ.
Emitter ballast and low current density for improved MTBF
Common emitter for improved stability
CASE 305A–01, STYLE 1


Similar Part No. - MRF313_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
   The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - MRF313_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
   The RF Line NPN Silicon High-Frequency Transistor
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
   The RF Line NPN Silicon High Frequency Transistor
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
   The Rf Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
   The RF Line NPN Silicon High Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
   The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
logo
Motorola, Inc
MMBR931LT3 MOTOROLA-MMBR931LT3 Datasheet
45Kb / 1P
   The RF Line NPN Silicon High Frequency Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com