Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF317 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MRF317
Description  The RF Line NPN Silicon Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF317 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MRF317_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF317_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF317_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF317_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF317_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF317_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
The RF Line NPN Silicon Power Transistor
100W, 30-200MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF317
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF317_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
   The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
Advanced Semiconductor
MRF317 ASI-MRF317 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
   The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
More results

Similar Description - MRF317_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
   The RF Line NPN Silicon RF Power Transistor
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
   THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
   The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
   The RF Line NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com