Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS35F Datasheet(PDF) 8 Page - Baumer IVO GmbH & Co. KG

Part # HS35F
Description  Insulated through hollow shaft 0.375...1 inch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

HS35F Datasheet(HTML) 8 Page - Baumer IVO GmbH & Co. KG

  HS35F Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Incremental encoders
www.baumer.com/motion
8
HS35F
Insulated through hollow shaft ø0.375...1 inch
1024…80000 pulses per revolution
Dimensions
Example fitting dust cap HS35
Example fitting protective cover HS35
tighten
max.
43 - 71 oz-in
(0.3 - 0.5 Nm)


Similar Part No. - HS35F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS35F-100-R1-SS-12GC ETC2-HS35F-100-R1-SS-12GC Datasheet
335Kb / 3P
   HS35 Absolute Encoder
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
   HS35 Incremental Optical Encoder
HS35F-100-R2-SS-12GC ETC2-HS35F-100-R2-SS-12GC Datasheet
335Kb / 3P
   HS35 Absolute Encoder
HS35F-50-R1-SS-12GC ETC2-HS35F-50-R1-SS-12GC Datasheet
335Kb / 3P
   HS35 Absolute Encoder
HS35F-50-R2-SS-12GC ETC2-HS35F-50-R2-SS-12GC Datasheet
335Kb / 3P
   HS35 Absolute Encoder
More results

Similar Description - HS35F

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGP ALPS-SRGP Datasheet
124Kb / 3P
   Hollow Shaft Type
logo
TE Connectivity Ltd
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
   HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
   HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
   HOLLOW SHAFT RESOLVER
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
   HOLLOW SHAFT RESOLVER
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
   Hollow Shaft Type
logo
TT Electronics.
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
ALPS ELECTRIC CO.,LTD.
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
   10mm Size Hollow Shaft Type
EC05E ALPS-EC05E Datasheet
207Kb / 4P
   5mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com