Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1014 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1014
Description  Dual PCI Hot-Plug Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1014_15 Datasheet HTML 4Page - Analog Devices ADM1014_15 Datasheet HTML 5Page - Analog Devices ADM1014_15 Datasheet HTML 6Page - Analog Devices ADM1014_15 Datasheet HTML 7Page - Analog Devices ADM1014_15 Datasheet HTML 8Page - Analog Devices ADM1014_15 Datasheet HTML 9Page - Analog Devices ADM1014_15 Datasheet HTML 10Page - Analog Devices ADM1014_15 Datasheet HTML 11Page - Analog Devices ADM1014_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM1014
–11–
REV.
PrN 1/02
3.3 Vaux
3.3V
5.0V
-12 V
37 5m A
3A
2A
50 m A
+12V
GN D
25 0m A
RL5
RL4
RL3
RL2
RL1
C1
C2
C3
C4
C5
Figure 4. Load Board for Typical Application Circuit
Main Board Components
Item Qty
Ref Des
Description
1
1
U1
ADM1014
2
1
SKT1
38 Pin Tssop Socket
3
4
Q1-4
IRF7413 Power Mosfet
4
4
D1-4
Green SMD LED
5
4
R1-4
5m
Metal Strip Resistor
6
2
R5-6
470
0805 chip resistor
7
2
R7-8
1K5
0805 chip resistor
8
2
R9-10
6K04
0805 chip resistor
9
8
C1-8
CAP,0.033UF
10
4
C9-12
CAP,0.47UF
11
3
C13-15
Electrolytic capacitor space
12
1
S1
SPDT Slide Switch
13
8
T1-8
Testpoint
14
2
P1-2
20 Pin Edge Conn Skt
15
4
J1 J4-J6
4mm 10A PCB Sockets-Red
16
1
J2
4mm 10A PCB Sockets-Green
17
1
J3
4mm 10A PCB Sockets-Black
18
4
P4-7
SMB
19
1
PCB
EVAL-ADM1014 Main Board
20
4
R11-12
4K7
0805 chip resistor
21
2
Load Board
Fully Assembled Load Board
Load Board Components
Item Qty
Ref Des
Description
1
1
PCB
EVAL-ADM1014Load Board
2
3
CL1-CL3
100uF 16V Electrolytic Caps
3
2
CL4-CL5
2200uF 16V Electrolytic Caps
4
1
RL1
47
6W (W22 Series) Res
5
1
RL2
240
2.5W (W21 Series) Res
6
1
RL3
10
6W (W22 Series) Res
7
1
RL4
2.2
12W (W24 Series) Res
8
1
RL5
1
12W (W24 Series) Res
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM1014_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1014JRU AD-ADM1014JRU Datasheet
167Kb / 12P
   Dual PCI Hot-PlugTM Controller
REV. PrN 1/02
More results

Similar Description - ADM1014_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com