Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1060 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1060_15 Datasheet HTML 2Page - Analog Devices ADM1060_15 Datasheet HTML 3Page - Analog Devices ADM1060_15 Datasheet HTML 4Page - Analog Devices ADM1060_15 Datasheet HTML 5Page - Analog Devices ADM1060_15 Datasheet HTML 6Page - Analog Devices ADM1060_15 Datasheet HTML 7Page - Analog Devices ADM1060_15 Datasheet HTML 8Page - Analog Devices ADM1060_15 Datasheet HTML 9Page - Analog Devices ADM1060_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADM1060
Rev. B | Page 6 of 52
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS (GPI 1–4, WDI, A0, A1)4
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Input High Current, IIH
–1
µA
VIN = 5.5 V
Input Low Current, IIL
1
µA
VIN = 0 V
Input Capacitance
10
pF
Programmable Pull-Down Current, IPULLDOWN
10
µA
If known logic state required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL
0.4
V
IOUT = −3.0 mA
PROGRAMMABLE DELAY BLOCK
Timeout
0
500
ms
16 programmable options on both rising and
falling edge
WATCHDOG TIMER INPUT
Timeout
0
12.8
s
Eight programmable timeout options
EEPROM RELIABILITY
Endurance5, 6
Data Retention7
100
10
Kcycles
Years
SERIAL BUS TIMING8
Clock Frequency, fSCLK
400
kHz
See Figure 27
Glitch Immunity, tSW
50
ns
See Figure 27
Bus Free Time, tBUF
4.7
µs
See Figure 27
Start Setup Time, tSU;STA
4.7
µs
See Figure 27
Start Hold Time, tHD;STA
4
µs
See Figure 27
SCL Low Time, tLOW
4.7
µs
See Figure 27
SCL High Time, tHIGH
4
µs
See Figure 27
SCL, SDA Rise Time, tr
1000
ns
See Figure 27
SCL, SDA Fall Time, tf
300
µs
See Figure 27
Data Setup Time, tSU;DAT
250
ns
See Figure 27
Data Hold Time, tHD;DAT
300
ns
See Figure 27
NOTES
1At least one VPn must be ≥3.0 V if used as supply. VH must be ≥4.5 V if used as supply.
2Specification is not production tested, but is supported by characterization data at initial product release.
31% threshold accuracy is only achievable on parts preprogrammed by Analog Devices. Contact ADM1060.program@analog.com for further details.
4Logic inputs will accept input high voltages up to 5.5 V even when the device is operating at supply voltages below 5 V.
5Endurance is qualified to 100,000 cycles as per JEDEC Std. 22 method A117, and measured at −40°C, +25°C, and +85°C.
6For programming and erasing of EEPROM, a minimum VDD = 3.0 V is required 0°C to +85°C and a minimum VDD = 4.5 V is required −40°C to 0°C.
7Retention lifetime equivalent at junction temperature (TJ) = 55°C as per JEDEC Std. 22 method A117.
8Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.0 V for a rising edge.


Similar Part No. - ADM1060_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results

Similar Description - ADM1060_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com