Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1063 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1063
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063 Datasheet(HTML) 4 Page - Analog Devices

  ADM1063_15 Datasheet HTML 1Page - Analog Devices ADM1063_15 Datasheet HTML 2Page - Analog Devices ADM1063_15 Datasheet HTML 3Page - Analog Devices ADM1063_15 Datasheet HTML 4Page - Analog Devices ADM1063_15 Datasheet HTML 5Page - Analog Devices ADM1063_15 Datasheet HTML 6Page - Analog Devices ADM1063_15 Datasheet HTML 7Page - Analog Devices ADM1063_15 Datasheet HTML 8Page - Analog Devices ADM1063_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADM1063
Rev. C | Page 4 of 32
SPECIFICATIONS
VH = 3.0 V to 14.4 V1, VPx = 3.0 V to 6.0 V1, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPx
3.0
V
Minimum supply required on one of VH, VPx
VPx
6.0
V
Maximum VDDCAP = 5.1 V, typical
VH
14.4
V
VDDCAP = 4.75 V
VDDCAP
2.7
4.75
5.4
V
Regulated LDO output
CVDDCAP
10
μF
Minimum recommended decoupling capacitance
POWER SUPPLY
Supply Current, IVH, IVPx
4.2
6
mA
VDDCAP = 4.75 V, PDO1 to PDO10 off, ADC off
Additional Currents
All PDO FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1 to PDO6 loaded with 1 μA
each, PDO7 to PDO10 off
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from all
PDO pull-ups to VDDCAP
ADC Supply Current
1
mA
Running round-robin loop
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V
SUPPLY FAULT DETECTORS
VH Pin
Input Impedance
52
Input Attenuator Error
±0.05
%
Midrange and high range
Detection Ranges
High Range
6
14.4
V
Midrange
2.5
6
V
VPx Pins
Input Impedance
52
Input Attenuator Error
±0.05
%
Low range and midrange
Detection Ranges
Midrange
2.5
6
V
Low Range
1.25
3
V
Ultralow Range
0.573
1.375
V
No input attenuation error
VXx Pins
Input Impedance
1
Detection Range
Ultralow Range
0.573
1.375
V
No input attenuation error
Absolute Accuracy
±1
%
VREF error + DAC nonlinearity + comparator offset error
+ input attenuation error
Threshold Resolution
8
Bits
Digital Glitch Filter
0
μs
Minimum programmable filter length
100
μs
Maximum programmable filter length
ANALOG-TO-DIGITAL CONVERTER
Signal Range
0
VREFIN
V
The ADC can convert signals presented to the VH, VPx,
and VXx pins; VPx and VH input signals are attenuated
depending on the selected range; a signal at the pin
corresponding to the selected range is from 0.573 V to
1.375 V at the ADC input
Input Reference Voltage on REFIN Pin, VREFIN
2.048
V
Resolution
12
Bits
INL
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V
Gain Error
±0.05
%
VREFIN = 2.048 V


Similar Part No. - ADM1063_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1063ACP AD-ADM1063ACP Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACP-REEL7 AD-ADM1063ACP-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ AD-ADM1063ACPZ Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ-REEL7 AD-ADM1063ACPZ-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ASU AD-ADM1063ASU Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
More results

Similar Description - ADM1063_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
logo
Linear Technology
LTC2928 LINER-LTC2928_15 Datasheet
417Kb / 34P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Dimensions Semic...
LTC2928IUHF-TRPBF LINEAR_DIMENSIONS-LTC2928IUHF-TRPBF Datasheet
329Kb / 32P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Technology
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
   Multichannel Power Supply Sequencer and Supervisor
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com