Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER2009-301ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER2009-301ML
Description  Flat wire windings provide exceptionally low DCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2009-301ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER2009-301ML Datasheet HTML 1Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 2Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 3Page - Coilcraft lnc. SER2009-301ML Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Shielded Power Inductors–SER2000 Series
Document 349-2 Revised 09/05/12
Document 349-2
Inductance DCR DCR SRF
Irms (A)6
±20%2 max3 typ3 typ4
Isat5 20°C 40°C Height
Part number1
(µH)
(m) (m) (MHz) (A)
rise rise
(mm)
SER2009-301ML_ 0.30
0.740 0.630 550 100
41
54
8,64
SER2010-301ML_ 0.30
1.00
0.900 182 100
36
45
9,40
SER2009-501ML_ 0.50
0.740 0.630 544
60
41
54
8,64
SER2010-501ML_ 0.50
1.00
0.900 148
81
36
45
9,40
SER2011-501ML_ 0.50
1.34
1.20
161 100
30
40
10,67
SER2009-601ML_ 0.60
0.740 0.630 648
49
41
54
8,64
SER2010-601ML_ 0.60
1.00
0.900 115
70
36
45
9,40
SER2011-601ML_ 0.60
1.34
1.20
124
90
30
40
10,67
SER2012-601ML_ 0.60
1.60
1.44
115
97
25
35
11,94
SER2009-681ML_ 0.68
0.740 0.630 454
45
41
54
8,64
SER2010-681ML_ 0.68
1.00
0.900 136
62
36
45
9,40
SER2011-681ML_ 0.68
1.34
1.20
135
78
30
40
10,67
SER2012-681ML_ 0.68
1.60
1.44
103
85
25
35
11,94
SER2013-681ML_ 0.68
1.82
1.70
104
98
23
30
12,95
SER2009-801ML_ 0.80
0.740 0.630 567
38
41
54
8,64
SER2010-801ML_ 0.80
1.00
0.900
92
53
36
45
9,40
SER2011-801ML_ 0.80
1.34
1.20
113
70
30
40
10,67
SER2012-801ML_ 0.80
1.60
1.44
91
75
25
35
11,94
SER2013-801ML_ 0.80
1.82
1.70
93
85
23
30
12,95
SER2014-801ML_ 0.80
2.15
1.94
104
98
21
27
13,97
SER2009-901ML_ 0.90
0.740 0.630 557
33
41
54
8,64
SER2010-901ML_ 0.90
1.00
0.900
96
48
36
45
9,40
SER2011-901ML_ 0.90
1.34
1.20
104
62
30
40
10,67
SER2012-901ML_ 0.90
1.60
1.44
85
69
25
35
11,94
SER2013-901ML_ 0.90
1.82
1.70
98
73
23
30
12,95
SER2014-901ML_ 0.90
2.15
1.94
102
87
21
27
13,97
SER2009-102ML_ 1.0
0.740 0.630 488
29
41
54
8,64
SER2010-102ML_ 1.0
1.00
0.900
81
42
36
45
9,40
SER2011-102ML_ 1.0
1.34
1.20
97
56
30
40
10,67
SER2012-102ML_ 1.0
1.60
1.44
75
64
25
35
11,94
SER2013-102ML_ 1.0
1.82
1.70
98
68
23
30
12,95
SER2014-102ML_ 1.0
2.15
1.94
88
70
21
27 2713,97
SER2009-122ML_ 1.2
0.740 0.630
81
28
41
54
8,64
SER2010-122ML_ 1.2
1.00
0.900
69
37
36
45
9,40
SER2011-122ML_ 1.2
1.34
1.20
81
49
30
40
10,67
SER2012-122ML_ 1.2
1.60
1.44
73
54
25
35
11,94
SER2013-122ML_ 1.2
1.82
1.70
82
58
23
30
12,95
SER2014-122ML_ 1.2
2.15
1.94
78
63
21
27
13,97
SER2009-202ML_ 2.0
0.740 0.630
40
16
41
54
8,64
SER2010-202ML_ 2.0
1.00
0.900
48
27
36
45
9,40
SER2011-202ML_ 2.0
1.34
1.20
56
37
30
40
10,67
SER2012-202ML_ 2.0
1.60
1.44
51
35
25
35
11,94
SER2013-202ML_ 2.0
1.82
1.70
61
40
23
30
12,95
SER2014-202ML_ 2.0
2.15
1.94
62
45
21
27
13,97
SER2013-362ML_ 3.6
1.82
1.70
38
25
23
30
12,95
SER2013-402ML_ 4.0
1.82
1.70
35
20
23
30
12,95
SER2014-402ML_ 4.0
2.15
1.94
36
25
21
27
13,97
SER2013-472ML_ 4.7
1.82
1.70
30
18
23
30
12,95
Parts shown in bold are included in Coilcraft Designer’s Kit C374.
1. Please specify
termination and packaging codes:
SER2014-202MLD
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead
(63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481
embossed plastic tape.
B = Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an
Agilent/HP 4263B LCR meter or equivalent.
3. DCR measured on a Keithley 580 micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A network
analyzer and an Agilent/HP 16092A test fixture.
5. DC current at which the inductance drops 10% (typ)
from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient. When
Irms is greater than Isat, Isat is
the more critical specification, and
Irms is shown in gray
type. See Temperature Rise vs Current curve below.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
70
60
50
40
30
20
0
10
Current (Arms)
10
03040
20
50
60
70
Temperature Rise vs Current


Similar Part No. - SER2009-301ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2009-301ML COILCRAFT-SER2009-301ML Datasheet
275Kb / 4P
   SMT Power Inductors
More results

Similar Description - SER2009-301ML

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
   Exceptionally Low Phase Noise
logo
Laird Tech Smart Techno...
SF800 LSTD-SF800 Datasheet
298Kb / 2P
   Exceptionally low thermal resistance
logo
Micross Components
FFP20S65S MICROSS-FFP20S65S Datasheet
693Kb / 3P
   Exceptionally Soft Recovery
logo
ON Semiconductor
NTS1545EMFS ONSEMI-NTS1545EMFS Datasheet
68Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
logo
GuangDong Province Meng...
MTSFB0603 MENGCO-MTSFB0603 Datasheet
1Mb / 1P
   Low DCR, small package
logo
Vishay Siliconix
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
logo
GuangDong Province Meng...
MTSFB0402 MENGCO-MTSFB0402 Datasheet
3Mb / 2P
   Low DCR, small package
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com