Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1052 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1052
Description  Precision Dual Voltage Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052 Datasheet(HTML) 4 Page - Analog Devices

  ADM1052_15 Datasheet HTML 1Page - Analog Devices ADM1052_15 Datasheet HTML 2Page - Analog Devices ADM1052_15 Datasheet HTML 3Page - Analog Devices ADM1052_15 Datasheet HTML 4Page - Analog Devices ADM1052_15 Datasheet HTML 5Page - Analog Devices ADM1052_15 Datasheet HTML 6Page - Analog Devices ADM1052_15 Datasheet HTML 7Page - Analog Devices ADM1052_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
ADM1052
–4–
–Typical Performance Characteristics
Tek Stop: 25.0MS/s
56Acqs
[]
Stop:
T
v
2
v
3
1
t
Ch1 500mV
Ch2 20.0mV
M 2.00 s Ch1
3.53V
W
B
Ch3 20.0mV
W
B
W
B
Ch1
T
T
T
TPC 1. Line Transient Response, Channel 1 and Channel 2
VIN – V
2.536
2.9
2.535
2.534
2.533
2.532
2.531
2.530
2.529
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
TPC 2. Line Regulation, Channel 1
VIN – V
2.542
2.9
2.541
2.540
2.539
2.538
2.537
2.536
2.535
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
TPC 3. Line Regulation, Channel 2
CURRENT – A
2.55
0
2.54
2.53
2.52
2.51
2.50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TPC 4. Load Regulation, Channel 1
CURRENT – A
2.55
0
2.54
2.53
2.52
2.51
2.50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TPC 5. Load Regulation, Channel 2
FREQUENCY – Hz
0
10
–10
–20
–30
–40
–50
–60
–70
100
1k
10k
100k
1M
10M
TPC 6. VCC Supply Ripple Rejection


Similar Part No. - ADM1052_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052JR AD-ADM1052JR Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
More results

Similar Description - ADM1052_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
   Precision Voltage Regulator Controller
REV. B
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com