Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1052 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1052
Description  Precision Dual Voltage Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1052 Datasheet(HTML) 3 Page - Analog Devices

  ADM1052_15 Datasheet HTML 1Page - Analog Devices ADM1052_15 Datasheet HTML 2Page - Analog Devices ADM1052_15 Datasheet HTML 3Page - Analog Devices ADM1052_15 Datasheet HTML 4Page - Analog Devices ADM1052_15 Datasheet HTML 5Page - Analog Devices ADM1052_15 Datasheet HTML 6Page - Analog Devices ADM1052_15 Datasheet HTML 7Page - Analog Devices ADM1052_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
ADM1052
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 V
SHDN1, SHDN2 to GND . . . . . . . . –0.3 V to (V
CC + 0.3 V)
SENSE1, SENSE2 to GND . . . . . . . . . . . . –0.3 V to +5.5 V
FORCE1, FORCE2 . . . . . . . . Short-Circuit to GND or VCC
Continuous Power Dissipation (TA = 70
°C) . . . . . . . 650 mW
8-Lead SOIC . . . . . . . . . . . . (Derate 8.3 mW/
°C above 70°C)
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
THERMAL CHARACTERISTICS
8-Lead Small Outline Package: JA = 150
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1052JR
0
°C to 70°C
8-Lead SOIC
SO-8
ADM1052
100 F
2
100 F
3.3V
VOUT1
FORCE 1
SENSE 1
3.3V
VOUT2
FORCE 2
SENSE 2
100 F
2
100 F
SHDN1
SHDN2
LEAVE OPEN OR
CONNECT TO
LOGIC SIGNALS
IF SHUTDOWN
REQUIRED
PHD55N03LT
MTD3055VL
1 F
12V
VCC
GND
Figure 1. Test Circuit
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
FORCE 2
Output of Channel 2 control amplifier to
gate of external N-channel MOSFET.
2
SENSE 2
Input from source of external MOSFET to
inverting input of Channel 2 control
amplifier, via output voltage-setting feed-
back resistor network.
3
SHDN2
Digital Input. Active-low shutdown control
with 50
µA internal pull-up. The output
of Channel 2 control amplifier goes to
ground when
SHDN2 is taken low.
4
GND
Device Ground Pin.
5
SHDN1
Digital Input. Active-low shutdown control
with 50
µA internal pull-up. The output
of Channel 1 control amplifier goes to
ground when
SHDN1 is taken low.
6
SENSE 1
Input from source of external MOSFET
to inverting input of Channel 1 control
amplifier, via output voltage-setting
feedback resistor network.
7
FORCE 1
Output of Channel 2 control amplifier to
gate of external N-channel MOSFET.
8VCC
12 V Supply.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
FORCE 2
SENSE 2
SHDN2
GND
VCC
FORCE 1
SENSE 1
SHDN1
ADM1052
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM1052 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADM1052_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052JR AD-ADM1052JR Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
More results

Similar Description - ADM1052_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
   Precision Voltage Regulator Controller
REV. B
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com