Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2841-4B-F4 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2841-4B-F4
Description  WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2841-4B-F4 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2841-4B-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2841-4B-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2841-4A,PS2841-4B
WORLD’S SMALLEST CLASS, FOUR CHANNELS
12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10202EJ04V0DS (4th edition)
Date Published May 2006 NS CP(K)
Printed in Japan
2001, 2006
DESCRIPTION
The PS2841-4A and PS2841-4B are optically coupled isolators containing GaAs light emitting diodes and NPN
silicon phototransistors.
These products include four channels in a single package for high-density mounting applications.
The PS2841-4A and PS2841-4B are the world's smallest class of photocouplers and realize about 50% reduction in
mounting area compared with the PS280x and PS281x Series.
FEATURES
• Ultra small and thin package
(12-pin ultra shrink SOP, Pin pitch 0.8 mm, 4.4 (L)
× 5.6 (W) × 2.5 (H))
• Common lead
PS2841-4A: cathode, collector common
PS2841-4B: anode, collector common
• High current transfer ratio (CTR = 200% TYP. @ IF = 1mA)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Pb-Free product
• Ordering number of tape product:
PS2841-4A-F3, F4: 2 500 pcs/reel
PS2841-4B-F3, F4: 2 500 pcs/reel
• Safety standards
• UL approved: File No. E72422
APPLICATIONS
• Programmable logic controllers (PLCs)
• Input and output for function automation
• Hybrid IC
12
34
56
12 11 10 9
8 7
PS2841-4A
Channel
1 ch
2 ch
3 ch
4 ch
Anode
2
3
4
5
Cathode
1, 6 common
1, 6 common
1, 6 common
1, 6 common
Emitter
11
10
9
8
Collector
7, 12 common
7, 12 common
7, 12 common
7, 12 common
PIN CONNECTIONS
(Top View)
12
34
56
12 11 10 9
8 7
PS2841-4B
PIN CONNECTIONS
(Top View)
Channel
1 ch
2 ch
3 ch
4 ch
Anode
1, 6 common
1, 6 common
1, 6 common
1, 6 common
Cathode
2
3
4
5
Emitter
11
10
9
8
Collector
7, 12 common
7, 12 common
7, 12 common
7, 12 common


Similar Part No. - PS2841-4B-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4B-F4 CEL-PS2841-4B-F4 Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4B-F4 RENESAS-PS2841-4B-F4 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results

Similar Description - PS2841-4B-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com