Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76113T3ST Datasheet(PDF) 1 Page - Intersil Corporation

Part # HUF76113T3ST
Description  4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76113T3ST Datasheet(HTML) 1 Page - Intersil Corporation

  HUF76113T3ST Datasheet HTML 1Page - Intersil Corporation HUF76113T3ST Datasheet HTML 2Page - Intersil Corporation HUF76113T3ST Datasheet HTML 3Page - Intersil Corporation HUF76113T3ST Datasheet HTML 4Page - Intersil Corporation HUF76113T3ST Datasheet HTML 5Page - Intersil Corporation HUF76113T3ST Datasheet HTML 6Page - Intersil Corporation HUF76113T3ST Datasheet HTML 7Page - Intersil Corporation HUF76113T3ST Datasheet HTML 8Page - Intersil Corporation HUF76113T3ST Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
TM
File Number
4388.3
HUF76113T3ST
4.7A, 30V, 0.031 Ohm
, N-Channel, Logic
Level UltraFET Power MOSFET
This N-Channel power MOSFET is
manufactured using the innovative
UltraFET process. This advanced
process technology achieves the
lowest possible on-resistance per silicon area, resulting in
outstanding performance. This device is capable of
withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators, switching
converters, motor drivers, relay drivers, low-voltage bus
switches, and power management in portable and battery-
operated products.
Formerly developmental type TA76113.
Features
• Logic Level Gate Drive
• 4.7A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.031Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER™ Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
SOT-223
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUF76113T3ST
SOT-223
76113
NOTE: HUF76113T3ST is available only in tape and reel.
®
D
G
S
SOURCE
GATE
DRAIN
DRAIN
(FLANGE)
Data Sheet
June 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
UltraFET® is a registered trademark of Intersil Corporation.
PSPICE® is a registered trademark of MicroSim Corporation. SABER™ is a trademark of Analogy, Inc.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Similar Part No. - HUF76113T3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113T3ST FAIRCHILD-HUF76113T3ST Datasheet
614Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76113T3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113T3ST FAIRCHILD-HUF76113T3ST Datasheet
614Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76132SK8 FAIRCHILD-HUF76132SK8 Datasheet
334Kb / 12P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com