Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76113T3ST Datasheet(PDF) 3 Page - Intersil Corporation

Part # HUF76113T3ST
Description  4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76113T3ST Datasheet(HTML) 3 Page - Intersil Corporation

  HUF76113T3ST Datasheet HTML 1Page - Intersil Corporation HUF76113T3ST Datasheet HTML 2Page - Intersil Corporation HUF76113T3ST Datasheet HTML 3Page - Intersil Corporation HUF76113T3ST Datasheet HTML 4Page - Intersil Corporation HUF76113T3ST Datasheet HTML 5Page - Intersil Corporation HUF76113T3ST Datasheet HTML 6Page - Intersil Corporation HUF76113T3ST Datasheet HTML 7Page - Intersil Corporation HUF76113T3ST Datasheet HTML 8Page - Intersil Corporation HUF76113T3ST Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 15V, ID ≅ 4.7A,
RL = 3.2Ω, VGS = 10V,
RGS = 9.1Ω
(Figure 16)
-
-
40
ns
Turn-On Delay Time
td(ON)
-4-
ns
Rise Time
tr
-21-
ns
Turn-Off Delay Time
td(OFF)
-31-
ns
Fall Time
tf
-25-
ns
Turn-Off Time
tOFF
-
-
85
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 15V, ID ≅ 2.7A,
RL = 5.5Ω
Ig(REF) = 1.0mA
(Figure 14)
-
17.0
20.5
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
9.5
11.5
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.73
0.90
nC
Gate to Source Gate Charge
Qgs
-
1.50
-
nC
Gate to Drain “Miller” Charge
Qgd
-
4.30
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
625
-
pF
Output Capacitance
COSS
-
310
-
pF
Reverse Transfer Capacitance
CRSS
-60-
pF
NOTES:
2. Rated with RθJA=110
oC/W measured using FR-4 board with 0.173 in2 copper at 1000 seconds.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 4.7A
-
-
1.25
V
ISD = 2.7A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 2.7A, dISD/dt = 100A/µs-
-
44
ns
Reverse Recovered Charge
QRR
ISD = 2.7A, dISD/dt = 100A/µs-
-
46
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
1
2
3
4
5
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
VGS = 4.5V, RθJA = 110
oC/W
VGS = 10V, RθJA = 110
oC/W
HUF76113T3ST


Similar Part No. - HUF76113T3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113T3ST FAIRCHILD-HUF76113T3ST Datasheet
614Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76113T3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113T3ST FAIRCHILD-HUF76113T3ST Datasheet
614Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76132SK8 FAIRCHILD-HUF76132SK8 Datasheet
334Kb / 12P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com