Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76121P3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HUF76121P3
Description  47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76121P3 Datasheet(HTML) 5 Page - Intersil Corporation

  HUF76121P3 Datasheet HTML 1Page - Intersil Corporation HUF76121P3 Datasheet HTML 2Page - Intersil Corporation HUF76121P3 Datasheet HTML 3Page - Intersil Corporation HUF76121P3 Datasheet HTML 4Page - Intersil Corporation HUF76121P3 Datasheet HTML 5Page - Intersil Corporation HUF76121P3 Datasheet HTML 6Page - Intersil Corporation HUF76121P3 Datasheet HTML 7Page - Intersil Corporation HUF76121P3 Datasheet HTML 8Page - Intersil Corporation HUF76121P3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
98
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. SOURCE TO DRAIN ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0
20
40
60
80
100
012345
VGS, GATE TO SOURCE VOLTAGE (V)
150oC
-40oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
0
20
40
60
80
100
012345
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 3V
VGS = 3.5V
VGS = 4.5V
VGS = 10V
VGS = 5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
10
15
20
25
30
35
40
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 47A
ID = 28A
ID = 15A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
1.0
1.2
1.4
1.6
-60
0
60
120
180
0.8
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 47A
0.8
1.0
1.2
-60
0
60
120
180
0.6
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.0
1.1
1.2
-60.0
0.0
60.0
120
180
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
HUF76121P3, HUF76121S3S


Similar Part No. - HUF76121P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76121P3 FAIRCHILD-HUF76121P3 Datasheet
287Kb / 11P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76121P3

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Fairchild Semiconductor
HUF76121P3 FAIRCHILD-HUF76121P3 Datasheet
287Kb / 11P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com