Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7160L-2A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS7160L-2A
Description  8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7160L-2A Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS7160L-2A Datasheet HTML 1Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 2Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 3Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 4Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 5Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 6Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 7Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 8Page - Renesas Technology Corp PS7160L-2A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
8-PIN DIP, 600 V BREAK DOWN VOLTAGE
NORMALLY OPEN TYPE
2-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7160-2A,PS7160L-2A
Document No. PN10290EJ02V0DS (2nd edition)
Date Published July 2006 NS CP(K)
Printed in Japan
−NEPOC Series−
1996, 2006
DESCRIPTION
The PS7160-2A and PS7160L-2A are solid state relays containing GaAs LEDs on the light emitting side (input
side) and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7160L-2A has a surface mount type lead.
FEATURES
• 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (8-pin DIP)
• Low offset voltage
• Ordering number of taping product: PS7160L-2A-E3, E4: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
<R>


Similar Part No. - PS7160L-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7160L-2A NEC-PS7160L-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160L-2A CEL-PS7160L-2A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
logo
Renesas Technology Corp
PS7160L-2A RENESAS-PS7160L-2A Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160L-2A-A CEL-PS7160L-2A-A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
logo
NEC
PS7160L-2A-E3 NEC-PS7160L-2A-E3 Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7160L-2A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-2A RENESAS-PS7141E-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7241-2A RENESAS-PS7241-2A_15 Datasheet
215Kb / 14P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7241E-1A RENESAS-PS7241E-1A Datasheet
244Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7142-2A RENESAS-PS7142-2A Datasheet
253Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com