Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76131SK8 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HUF76131SK8
Description  10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76131SK8 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HUF76131SK8 Datasheet HTML 2Page - Intersil Corporation HUF76131SK8 Datasheet HTML 3Page - Intersil Corporation HUF76131SK8 Datasheet HTML 4Page - Intersil Corporation HUF76131SK8 Datasheet HTML 5Page - Intersil Corporation HUF76131SK8 Datasheet HTML 6Page - Intersil Corporation HUF76131SK8 Datasheet HTML 7Page - Intersil Corporation HUF76131SK8 Datasheet HTML 8Page - Intersil Corporation HUF76131SK8 Datasheet HTML 9Page - Intersil Corporation HUF76131SK8 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
SPICE Thermal Model
REV 20 Feb 98
HUF76131
CTHERM1 7 6 3.75e-4
CTHERM2 6 5 3.05e-3
CTHERM3 5 4 3.70e-2
CTHERM4 4 3 2.52e-2
CTHERM5 3 2 8.50e-2
CTHERM6 2 1 7.95e-1
RTHERM1 7 6 3.95e-2
RTHERM2 6 5 2.50e-1
RTHERM3 5 4 4.00e-1
RTHERM4 4 3 6.35
RTHERM5 3 2 2.02e1
RTHERM6 2 1 4.80e1
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
1
2
3
4
5
6
7
JUNCTION
CASE
HUF76131SK8


Similar Part No. - HUF76131SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76131SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76609D3 INTERSIL-HUF76609D3 Datasheet
336Kb / 9P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76609D3 FAIRCHILD-HUF76609D3 Datasheet
220Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76113T3ST INTERSIL-HUF76113T3ST Datasheet
175Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com