Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7801M-1A-F3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS7801M-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD LOW C 횞 R (3.4 pF . 廓)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7801M-1A-F3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS7801M-1A-F3 Datasheet HTML 6Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 7Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 8Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 9Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 10Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 11Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 12Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 13Page - Renesas Technology Corp PS7801M-1A-F3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TAPING SPECIFICATIONS (UNIT: mm)
Tape Direction
PS7801M-1A-F3
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
1.55±0.05
4.0±0.1
2.0±0.05
4.0±0.1
2.9 MAX.
0.3
2.9±0.1
2.4±0.1
1.5
+0.1
–0
NN
N
N
Packing: 3 500 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
Data Sheet PN10691EJ03V0DS
8
PS7801M-1A


Similar Part No. - PS7801M-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801M-1A-F3 NEC-PS7801M-1A-F3 Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801M-1A-F3 CEL-PS7801M-1A-F3 Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801M-1A-F3-A NEC-PS7801M-1A-F3-A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801M-1A-F3-A CEL-PS7801M-1A-F3-A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801M-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7801M-1A CEL-PS7801M-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801M-1A NEC-PS7801M-1A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801J-1A NEC-PS7801J-1A Datasheet
112Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF • 廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801E-1A CEL-PS7801E-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801D-1A RENESAS-PS7801D-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
PS7802B-1A RENESAS-PS7802B-1A Datasheet
226Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (6.3 pF • Ω) 1-ch Optical Coupled MOS FET
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com