Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7901D-1A_15 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS7901D-1A_15
Description  NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7901D-1A_15 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS7901D-1A_15_15 Datasheet HTML 1Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 2Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 3Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 4Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 5Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 6Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 7Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 8Page - Renesas Technology Corp PS7901D-1A_15_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R08DS0034EJ0001 Rev.0.01
Page 1 of 7
Feb 17, 2011
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
43
12
PIN CONNECTION
(Top View)
Preliminary Data Sheet
Specifications in this document are tentative and subject to change.
PS7901D-1A
−NEPOC Series− (OCMOS FET)
4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF)
1-ch Optical Coupled MOS FET
DESCRIPTION
The PS7901D-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input
side) and MOS FETs on the output side.
A small flat-lead package has been provided which realizes a reduction in mounting area of about 50% compared with
the PS78xx series.
It is suitable for high-frequency signal control, due to its low C
× R, low output capacitance, and low off-state leakage
current.
FEATURES
• Small flat-lead package (2.5 (L) × 2.3 (W) × 2.9 (H) mm)
• Low output capacitance (Cout = 0.75 pF TYP.)
• Low C × R (C × R = 9 pF • Ω)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Embossed tape product : PS7901D-1A-F3
: 3 500 pcs/reel
• Pb-Free product
APPLICATIONS
• Measurement equipment
R08DS0034EJ0001
Rev.0.01
Feb 17, 2011


Similar Part No. - PS7901D-1A_15_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7901D-1A RENESAS-PS7901D-1A Datasheet
200Kb / 9P
   .NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
   4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7901D-1A_15_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7901D-1A RENESAS-PS7901D-1A Datasheet
200Kb / 9P
   .NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
   4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801D-1A RENESAS-PS7801D-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
PS7801-1A RENESAS-PS7801-1A Datasheet
219Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE
PS7801C-1A RENESAS-PS7801C-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801K-1A NEC-PS7801K-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A CEL-PS7801D-1A Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801K-1A CEL-PS7801K-1A Datasheet
184Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com