Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8821-1-F4 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS8821-1-F4
Description  1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8821-1-F4 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS8821-1-F4 Datasheet HTML 3Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 4Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 5Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 6Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 7Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 8Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 9Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 10Page - Renesas Technology Corp PS8821-1-F4 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
*1 Test circuit for propagation delay time
Input
Output
50%
1.5 V
VOL
tPHL
tPLH
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 3.3 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 1.8 k
Ω
PS8821-1
μ
μ
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 3.3 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 1.8 k
Ω
PS8821-2
μ
μ
(IF = 10 mA)
Remark CL is approximately 15 pF which includes probe and stray wiring capacitance.
*2 Test circuit for common mode transient immunity
VO (Monitor)
VCC = 3.3 V
0.1 F
RL = 4.1 k
Ω
PS8821-1
VCM
μ
CL = 15 pF
IF
VO (Monitor)
VCC = 3.3 V
0.1 F
RL = 4.1 k
Ω
PS8821-2
VCM
SW
μ
CL = 15 pF
IF
90%
10%
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 10 mA)
tr
tf
1 kV
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10591EJ03V0DS
7
PS8821-1,-2


Similar Part No. - PS8821-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8821-1-F4 CEL-PS8821-1-F4 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1-F4-A CEL-PS8821-1-F4-A Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1-F4-AX CEL-PS8821-1-F4-AX Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8821-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com