Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76139P3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HUF76139P3
Description  75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76139P3 Datasheet(HTML) 3 Page - Intersil Corporation

  HUF76139P3 Datasheet HTML 1Page - Intersil Corporation HUF76139P3 Datasheet HTML 2Page - Intersil Corporation HUF76139P3 Datasheet HTML 3Page - Intersil Corporation HUF76139P3 Datasheet HTML 4Page - Intersil Corporation HUF76139P3 Datasheet HTML 5Page - Intersil Corporation HUF76139P3 Datasheet HTML 6Page - Intersil Corporation HUF76139P3 Datasheet HTML 7Page - Intersil Corporation HUF76139P3 Datasheet HTML 8Page - Intersil Corporation HUF76139P3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-156
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 15V, ID ≅ 75A
RL = 0.200Ω, VGS = 10V,
RGS = 10Ω
(Figures 16, 21, 22)
-
-
120
ns
Turn-On Delay Time
td(ON)
-16-
ns
Rise Time
tr
-65-
ns
Turn-Off Delay Time
td(OFF)
-90-
ns
Fall Time
tf
-55-
ns
Turn-Off Time
tOFF
-
-
218
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 15V,
ID ≅ 64A,
RL = 0.234Ω
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-65
78
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
38
46
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
2.5
3
nC
Gate to Source Gate Charge
Qgs
-
7.60
-
nC
Gate to Drain “Miller”Charge
Qgd
-
18.40
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
2700
-
pF
Output Capacitance
COSS
-
1100
-
pF
Reverse Transfer Capacitance
CRSS
-
200
-
pF
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 75A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 75A, dISD/dt = 100A/µs-
-
85
ns
Reverse Recovered Charge
QRR
ISD = 75A, dISD/dt = 100A/µs
-
-
160
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
20
40
60
80
25
50
75
100
125
150
VGS = 10V
VGS = 4.5V
TC, CASE TEMPERATURE (
oC)
HUF76139P3, HUF76139S3S


Similar Part No. - HUF76139P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76139P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76445P3 INTERSIL-HUF76445P3 Datasheet
332Kb / 9P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76145P3 INTERSIL-HUF76145P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76137P3 FAIRCHILD-HUF76137P3 Datasheet
289Kb / 11P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76145P3 FAIRCHILD-HUF76145P3 Datasheet
219Kb / 11P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com