Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W632GU8KB15I Datasheet(PDF) 7 Page - Winbond

Part # W632GU8KB15I
Description  32M X 8 BANKS X 8 BIT DDR3L SDRAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU8KB15I Datasheet(HTML) 7 Page - Winbond

Back Button W632GU8KB15I Datasheet HTML 3Page - Winbond W632GU8KB15I Datasheet HTML 4Page - Winbond W632GU8KB15I Datasheet HTML 5Page - Winbond W632GU8KB15I Datasheet HTML 6Page - Winbond W632GU8KB15I Datasheet HTML 7Page - Winbond W632GU8KB15I Datasheet HTML 8Page - Winbond W632GU8KB15I Datasheet HTML 9Page - Winbond W632GU8KB15I Datasheet HTML 10Page - Winbond W632GU8KB15I Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 160 page
background image
W632GU8KB
Publication Release Date: Jan. 20, 2015
Revision: A05
- 7 -
4.
KEY PARAMETERS
Speed Bin
DDR3L-1866
DDR3L-1600
DDR3L-1333
Unit
CL-nRCD-nRP
13-13-13
11-11-11
9-9-9
Part Number Extension
-11
-12/12I
-15/15I
Parameter
Sym.
Min.
Max.
Min.
Max.
Min.
Max.
Maximum operating frequency using maximum
allowed settings for Sup_CL and Sup_CWL
fCKMAX
933
800
667
MHz
Internal read command to first data
tAA
13.91
20
13.75
(13.125) *5
20
13.5
(13.125) *5
20
nS
ACT to internal read or write delay time
tRCD
13.91
13.75
(13.125) *5
13.5
(13.125) *5
nS
PRE command period
tRP
13.91
13.75
(13.125) *5
13.5
(13.125) *5
nS
ACT to ACT or REF command period
tRC
47.91
48.75
(48.125) *5
49.5
(49.125) *5
nS
ACT to PRE command period
tRAS
34
9 * tREFI
35
9 * tREFI
36
9 * tREFI
nS
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
2.5
3.3
2.5
3.3
nS
CL = 7
CWL = 6
tCK(AVG)
Reserved
1.875
< 2.5
1.875
< 2.5
nS
CL = 8
CWL = 6
tCK(AVG)
1.875
< 2.5
1.875
< 2.5
1.875
< 2.5
nS
CL = 9
CWL = 7
tCK(AVG)
Reserved
1.5
< 1.875
1.5
< 1.875
nS
CL = 10
CWL = 7
tCK(AVG)
1.5
< 1.875
1.5
< 1.875
1.5
< 1.875
nS
CL = 11
CWL = 8
tCK(AVG)
Reserved
1.25
< 1.5
Reserved
nS
CL = 13
CWL = 9
tCK(AVG)
1.07
< 1.25
Reserved
Reserved
nS
Supported CL Settings
Sup_CL
6, 8, 10, 13
6, (7), 8, (9), 10, 11
6, (7), 8, 9, 10
nCK
Supported CWL Settings
Sup_CWL
5, 6, 7, 9
5, 6, 7, 8
5, 6, 7
nCK
Average periodic
refresh Interval
-40°C
≤ TCASE ≤ 85°C
tREFI
 *2
7.8 *2, 3
7.8 *2, 3
μS
0°C
≤ TCASE ≤ 85°C
7.8 *1
7.8 *1
7.8 *1
μS
85°C < TCASE
≤ 95°C
3.9 *4
3.9 *4
3.9 *4
μS
Operating One Bank Active-Precharge Current
IDD0
105
95
90
mA
Operating One Bank Active-Read-Precharge
Current
IDD1
120
115
110
mA
Operating Burst Read Current
IDD4R
250
220
205
mA
Operating Burst Write Current
IDD4W
230
200
180
mA
Burst Refresh Current
IDD5B
145
140
135
mA
Self-Refresh Current, TOPER = 0 ~ 85°C
IDD6
19
19
19
mA
Operating Bank Interleave Current
IDD7
360
340
330
mA
Notes: (Field value contents in blue font or parentheses are optional AC parameter and CL setting)
1.
All speed grades support 0°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
2.
For -11, -12 and -15 speed grades, -40°C
≤ TCASE < 0°C is not available.
3.
12I and 15I speed grades support -40°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
4.
For all speed grade parts, TCASE is able to extend to 95°C with doubling Auto Refresh commands in frequency to a 32 mS
period ( tREFI = 3.9 µS), it is mandatory to either use the Manual Self-Refresh mode with Extended Temperature Range
capability (MR2 A6 = 0b and MR2 A7 = 1b) or enable the Auto Self-Refresh mode (ASR) (MR2 A6 = 1b, MR2 A7 is don't care).
5.
For devices supporting optional down binning to CL=7 and CL=9, tAA/tRCD/tRP min must be 13.125 nS or lower. SPD settings must
be programmed to match. For example, DDR3L-1333 (9-9-9) devices supporting down binning to DDR3L-1066 (7-7-7) should
program 13.125 nS in SPD bytes for tAAmin (Byte 16), tRCDmin (Byte 18), and tRPmin (Byte 20). DDR3L-1600 (11-11-11) devices
supporting down binning to DDR3L-1333 (9-9-9) or DDR3L-1066 (7-7-7) should program 13.125 nS in SPD bytes for tAAmin
(Byte16), tRCDmin (Byte 18), and tRPmin (Byte 20). Once tRP (Byte 20) is programmed to 13.125 nS, tRCmin (Byte 21, 23) also
should be programmed accodingly. For example, 49.125nS (tRASmin + tRPmin = 36 nS + 13.125 nS) for DDR3L-1333 (9-9-9) and
48.125 nS (tRASmin + tRPmin = 35 nS + 13.125 nS) for DDR3L-1600 (11-11-11).


Similar Part No. - W632GU8KB15I

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-11 WINBOND-W632GU6KB-11 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-12 WINBOND-W632GU6KB-12 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-15 WINBOND-W632GU6KB-15 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB12I WINBOND-W632GU6KB12I Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
More results

Similar Description - W632GU8KB15I

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG8KB WINBOND-W632GG8KB Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15T2G8256A ESMT-M15T2G8256A Datasheet
4Mb / 140P
   32M x 8 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com