Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9816G6JB-6 Datasheet(PDF) 11 Page - Winbond

Part # W9816G6JB-6
Description  512K X 2 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9816G6JB-6 Datasheet(HTML) 11 Page - Winbond

Back Button W9816G6JB-6 Datasheet HTML 7Page - Winbond W9816G6JB-6 Datasheet HTML 8Page - Winbond W9816G6JB-6 Datasheet HTML 9Page - Winbond W9816G6JB-6 Datasheet HTML 10Page - Winbond W9816G6JB-6 Datasheet HTML 11Page - Winbond W9816G6JB-6 Datasheet HTML 12Page - Winbond W9816G6JB-6 Datasheet HTML 13Page - Winbond W9816G6JB-6 Datasheet HTML 14Page - Winbond W9816G6JB-6 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
W9816G6JB
Publication Release Date: Jul. 03, 2014
- 11 -
Revision: A01
7.17 Power Down Mode
The Power Down mode is initiated by holding CKE low. All of the receiver circuits except CKE are
gated off to reduce the power. The Power Down mode does not perform any refresh operations;
therefore the device can not remain in Power Down mode longer than the Refresh period (tREF) of the
device.
The Power Down mode is exited by bringing CKE high. When CKE goes high, a No Operation
Command is required on the next rising clock edge, depending on tCK. The input buffers need to be
enabled with CKE held high for a period equal to tCKS(min) + tCK(min).
7.18 No Operation Command
The No Operation Command should be used in cases when the SDRAM is in an idle or a wait state to
prevent the SDRAM from registering any unwanted commands between operations. A No Operation
Command is registered when
CS is low with RAS , CAS and WE held high at the rising edge of
the clock. A No Operation Command will not terminate a previous operation that is still executing, such
as a burst read or write cycle.
7.19 Deselect Command
The Deselect Command performs the same function as a No Operation Command. Deselect
Command occurs when
CS is brought high, the RAS , CAS and WE signals become don't cares.
7.20 Clock Suspend Mode
During normal access mode, CKE must be held high enabling the clock. When CKE is registered low
while at least one of the banks is active and a column access/burst is in progess, Clock Suspend
mode is entered. The Clock Suspend mode deactivates the internal clock and suspends any clocked
operation that was currently being executed. There is a one-clock delay between the registration of
CKE low and the time at which the SDRAM operation suspends. While in Clock Suspend mode, the
SDRAM ignores any new commands that are issued. The Clock Suspend mode is exited by bringing
CKE high. There is a one-clock cycle delay from when CKE returns high to when Clock Suspend
mode is exited.


Similar Part No. - W9816G6JB-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results

Similar Description - W9816G6JB-6

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6IB WINBOND-W9816G6IB Datasheet
745Kb / 42P
   512K ??2 BANKS ??16 BITS SDRAM
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com