Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9816G6JH-6 Datasheet(PDF) 5 Page - Winbond

Part # W9816G6JH-6
Description  512K X 2 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9816G6JH-6 Datasheet(HTML) 5 Page - Winbond

  W9816G6JH-6 Datasheet HTML 1Page - Winbond W9816G6JH-6 Datasheet HTML 2Page - Winbond W9816G6JH-6 Datasheet HTML 3Page - Winbond W9816G6JH-6 Datasheet HTML 4Page - Winbond W9816G6JH-6 Datasheet HTML 5Page - Winbond W9816G6JH-6 Datasheet HTML 6Page - Winbond W9816G6JH-6 Datasheet HTML 7Page - Winbond W9816G6JH-6 Datasheet HTML 8Page - Winbond W9816G6JH-6 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
W9816G6JH
Publication Release Date: Jun. 24, 2014
- 5 -
Revision: A01
5.
PIN DESCRIPTION
PIN NUMBER
PIN NAME
FUNCTION
DESCRIPTION
20
24,
27
32
A0
A10
Address
Multiplexed pins for row and column address.
Row address: A0
A10. Column address: A0A7.
19
BA
Bank Select
Select bank to activate during row address latch time,
or bank to read/write during column address latch
time.
2, 3, 5, 6, 8, 9,
11, 12, 39, 40,
42, 43, 45, 46,
48, 49
DQ0
DQ15
Data
Input/ Output
Multiplexed pins for data input and output.
18
CS
Chip Select
Disable or enable the command decoder. When
command decoder is disabled, new command is
ignored and previous operation continues.
17
R A S
Row Address
Strobe
Command input. When sampled at the rising edge of
the clock, R A S , C A S and WE define the operation
to be executed.
16
C A S
Column
Address Strobe Referred to
R A S
15
WE
Write Enable
Referred to R A S
36, 14
UDQM/
LDQM
Input/Output
Mask
The output buffer is placed at Hi-Z (with latency of 2)
when DQM is sampled high in read cycle. In write
cycle, sampling DQM high will block the write
operation with zero latency.
35
CLK
Clock Inputs
System clock used to sample inputs on the rising
edge of clock.
34
CKE
Clock Enable
CKE controls the clock activation and deactivation.
When CKE is low, Power Down mode, Suspend
mode, or Self Refresh mode is entered.
1, 25
VDD
Power
Power for input buffers and logic circuit inside DRAM.
26, 50
VSS
Ground
Ground for input buffers and logic circuit inside
DRAM.
7, 13, 38, 44,
VDDQ
Power for I/O
buffer
Separated power from VDD, used for output buffers to
improve noise immunity.
4, 10, 41, 47
VSSQ
Ground for I/O
buffer
Separated ground from VSS, used for output buffers
to improve noise immunity.
33, 37
NC
No Connection No connection.


Similar Part No. - W9816G6JH-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results

Similar Description - W9816G6JH-6

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6IB WINBOND-W9816G6IB Datasheet
745Kb / 42P
   512K ??2 BANKS ??16 BITS SDRAM
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com