Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G6KH-7 Datasheet(PDF) 5 Page - Winbond

Part # W9864G6KH-7
Description  1M X 4 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G6KH-7 Datasheet(HTML) 5 Page - Winbond

  W9864G6KH-7 Datasheet HTML 1Page - Winbond W9864G6KH-7 Datasheet HTML 2Page - Winbond W9864G6KH-7 Datasheet HTML 3Page - Winbond W9864G6KH-7 Datasheet HTML 4Page - Winbond W9864G6KH-7 Datasheet HTML 5Page - Winbond W9864G6KH-7 Datasheet HTML 6Page - Winbond W9864G6KH-7 Datasheet HTML 7Page - Winbond W9864G6KH-7 Datasheet HTML 8Page - Winbond W9864G6KH-7 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
W9864G6KH
Publication Release Date: Nov. 12, 2013
- 5 -
Revision A02
5.
PIN DESCRIPTION
PIN NUMBER
PIN NAME
FUNCTION
DESCRIPTION
23 ~ 26, 22,
29 ~35
A0
A11
Address
Multiplexed pins for row and column address.
Row address: A0
A11. Column address: A0A7.
A10 is sampled during a precharge command to
determine if all banks are to be precharged or bank
selected by BS0, BS1.
20, 21
BS0, BS1
Bank Select
Select bank to activate during row address latch time,
or bank to read/write during address latch time.
2, 4, 5, 7, 8, 10,
11, 13, 42, 44,
45, 47, 48, 50,
51, 53
DQ0
DQ15
Data
Input/ Output
Multiplexed pins for data output and input.
19
CS
Chip Select
Disable or enable the command decoder. When
command decoder is disabled, new command is
ignored and previous operation continues.
18
RAS
Row Address
Strobe
Command input. When sampled at the rising edge of
the clock
RAS , CAS and WE define the
operation to be executed.
17
CAS
Column
Address Strobe Referred to RAS
16
WE
Write Enable
Referred to
RAS
39, 15
UDQM
LDQM
Input/output
mask
The output buffer is placed at Hi-Z (with latency of 2)
when DQM is sampled high in read cycle. In write
cycle, sampling DQM high will block the write
operation with zero latency.
38
CLK
Clock Inputs
System clock used to sample inputs on the rising
edge of clock.
37
CKE
Clock Enable
CKE controls the clock activation and deactivation.
When CKE is low, Power Down mode, Suspend
mode, or Self Refresh mode is entered.
1, 14, 27
VDD
Power
Power for input buffers and logic circuit inside DRAM.
28, 41, 54
VSS
Ground
Ground for input buffers and logic circuit inside
DRAM.
3, 9, 43, 49
VDDQ
Power for I/O
buffer
Separated power from VDD, to improve DQ noise
immunity.
6, 12, 46, 52
VSSQ
Ground for I/O
buffer
Separated ground from VSS, to improve DQ noise
immunity.
36, 40
NC
No Connection
No connection.


Similar Part No. - W9864G6KH-7

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
More results

Similar Description - W9864G6KH-7

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JT WINBOND-W9864G6JT_13 Datasheet
867Kb / 42P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com