Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9307L2-V Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS9307L2-V
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307L2-V Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS9307L2-V Datasheet HTML 2Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 3Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 4Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 5Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 6Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 7Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 8Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 9Page - Renesas Technology Corp PS9307L2-V Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9307L,PS9307L2
Chapter Title
R08DS0046EJ0001 Rev.0.01
Page 6 of 12
Jan 25, 2012
TEST CIRCUIT
IF =
VCC =
0.1 F
μ
4 V
IOH
8 to 12 mA
10 to 30 V
VO > 5 V
IF
SHIELD
6
1
2
3
5
4
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
IF =
VCC =
0.1 F
μ
100 mA
VOH
8 to 12 mA
10 to 30 V
SHIELD
6
1
2
3
5
4
100 mA
VCC =
0.1 F
μ
2.5 V
10 to 30 V
SHIELD
6
1
2
3
5
4
IOL
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
VOL
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
Fig. 1 IOH Test Circuit
Fig. 3 VOH Test Circuit
Fig. 5 IFLH Test Circuit
Fig. 4 VOL Test Circuit
Fig. 2 IOL Test Circuit
Fig. 6 ICCH/ICCL Test Circuit
ICCL : IF = 0 mA
ICCH : IF = 10 mA


Similar Part No. - PS9307L2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9307L2-V RENESAS-PS9307L2-V Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L2-V-E3 RENESAS-PS9307L2-V-E3 Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9307L2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com