Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9308L-V Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9308L-V
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9308L-V Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9308L-V Datasheet HTML 1Page - Renesas Technology Corp PS9308L-V Datasheet HTML 2Page - Renesas Technology Corp PS9308L-V Datasheet HTML 3Page - Renesas Technology Corp PS9308L-V Datasheet HTML 4Page - Renesas Technology Corp PS9308L-V Datasheet HTML 5Page - Renesas Technology Corp PS9308L-V Datasheet HTML 6Page - Renesas Technology Corp PS9308L-V Datasheet HTML 7Page - Renesas Technology Corp PS9308L-V Datasheet HTML 8Page - Renesas Technology Corp PS9308L-V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PS9308L, PS9308L2
Chapter Title
R08DS0048EJ0200 Rev.2.00
Page 3 of 20
Sep 27, 2013
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9308L
PS9308L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
MARKING EXAMPLE
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
2
31
R
9308
N231
No. 1 pin Mark
Assembly Lot
Type Number
Company Initial
<R>


Similar Part No. - PS9308L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9308L-V RENESAS-PS9308L-V Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L-V CEL-PS9308L-V Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L-V-AX CEL-PS9308L-V-AX Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9308L-V-E3 RENESAS-PS9308L-V-E3 Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L-V-E3 CEL-PS9308L-V-E3 Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9308L-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9308L RENESAS-PS9308L Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com