Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9505L1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9505L1
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505L1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9505L1 Datasheet HTML 3Page - Renesas Technology Corp PS9505L1 Datasheet HTML 4Page - Renesas Technology Corp PS9505L1 Datasheet HTML 5Page - Renesas Technology Corp PS9505L1 Datasheet HTML 6Page - Renesas Technology Corp PS9505L1 Datasheet HTML 7Page - Renesas Technology Corp PS9505L1 Datasheet HTML 8Page - Renesas Technology Corp PS9505L1 Datasheet HTML 9Page - Renesas Technology Corp PS9505L1 Datasheet HTML 10Page - Renesas Technology Corp PS9505L1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
R08DS0015EJ0100 Rev.1.00
Page 7 of 20
Jan 06, 2012
SWITCHING CHARACTERISTICS
(VEE = GND, unless otherwise specified and refer to RECOMMENDED OPERATING CONDITIONS)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L
→ H)
tPLH
Rg = 10
Ω, Cg = 10 nF, f = 10 kHz,
0.07
0.25
μs
Propagation Delay Time (H
→ L)
tPHL
Duty Cycle = 50%
*2, IF = 10 mA
0.10
0.25
μs
Pulse Width Distortion (PWD)
|tPHL
−tPLH|
0.03
0.1
μs
Propagation Delay Time (Difference
Between Any Two Products)
tPHL
−tPLH
−0.1
0.1
μs
Rise Time
tr
50
ns
Fall Time
tf
50
ns
UVLO (Turn On Delay)
tUVLO ON
VO > 5 V, IF = 10 mA
0.8
μs
UVLO (Turn Off Delay)
tUVLO OFF VO < 5 V, IF = 10 mA
0.6
μs
Common Mode Transient Immunity at
High Level Output
|CMH|
TA = 25
°C, IF = 10 to 16 mA, VCC = 30 V,
VO (MIN.) = 26 V, VCM = 1.5 kV
25
kV/
μs
Common Mode Transient Immunity at
Low Level Output
|CML|
TA = 25
°C, IF = 0 mA, VCC = 30 V,
VO (MAX.) = 1 V, VCM = 1.5 kV
25
kV/
μs
*1 Typical values at TA = 25
°C.
*2 This load condition is equivalent to the IGBT load at 1 200 V/75 A.
<R>


Similar Part No. - PS9505L1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9505L1 RENESAS-PS9505L1 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505L1 CEL-PS9505L1 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L1-AX CEL-PS9505L1-AX Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505L1-V RENESAS-PS9505L1-V Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505L1-V CEL-PS9505L1-V Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9505L1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com