Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9505 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9505
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9505 Datasheet HTML 6Page - Renesas Technology Corp PS9505 Datasheet HTML 7Page - Renesas Technology Corp PS9505 Datasheet HTML 8Page - Renesas Technology Corp PS9505 Datasheet HTML 9Page - Renesas Technology Corp PS9505 Datasheet HTML 10Page - Renesas Technology Corp PS9505 Datasheet HTML 11Page - Renesas Technology Corp PS9505 Datasheet HTML 12Page - Renesas Technology Corp PS9505 Datasheet HTML 13Page - Renesas Technology Corp PS9505 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
R08DS0015EJ0100 Rev.1.00
Page 10 of 20
Jan 06, 2012
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
20
40
60
80
120
100
0
300
250
200
150
100
50
20
40
60
80
120
100
0
5.0
4.0
3.0
2.0
1.0
0
VCC = 30 V,
VEE = GND,
VO > 5 V
VCC = 30 V,
VEE = GND
40 20
0
20406080
100
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
02
4
35
35
30
25
20
15
10
5
350
300
250
200
150
100
50
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1.0
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +100
°C
+85
°C
+50
°C
+25
°C
0
°C
40°C
High Level Output Current IOH (A)
HIGH LEVEL OUTPUT VOLTAGE SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
0
0.5
1.0
1.5
2.5
2.0
0
8
6
4
2
VCC = 30 V,
VEE = GND,
IF = 10 mA
40°C
+25
°C
TA = +110
°C
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - PS9505

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505-AX CEL-PS9505-AX Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505-V RENESAS-PS9505-V Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505-V CEL-PS9505-V Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9505

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com