Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3407-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3407-3
Description  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3407-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3407-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3407-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3407-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3407-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
MOSFET
Features
VDS (V) = -30V
ID = -4.1 A
RDS(ON)
52m (VGS = -10V)
RDS(ON)
87m (VGS = -4.5V)
Absolute Maximum Ratings Ta = 25
P-Channel Enhancement MOSFET
G
D
S
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
Ta = 25℃
-4.1
Ta = 70℃
-3.5
Pulsed Drain Current
IDM
-20
Power Dissipation
Ta = 25℃
1.4
Ta = 70℃
1
Thermal Resistance.Junction- to-Ambient
t ≤10s
90
Steady State
125
Thermal Resistance.Junction- to-Lead
RthJL
60
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
ID
PD
W
RthJA
V
/W
A
AO3407 (KO3407)
1. Gate
2. Source
3. Drain
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - AO3407-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3407-HF KEXIN-AO3407-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
AO3407-HF KEXIN-AO3407-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
DONGGUAN YOU FENG WEI E...
AO3407-SOT23-3L YFWDIODE-AO3407-SOT23-3L Datasheet
3Mb / 5P
   P-Channel Enhancement MOSFET
More results

Similar Description - AO3407-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com