Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9821-2-V-F4 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9821-2-V-F4
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9821-2-V-F4 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9821-2-V-F4 Datasheet HTML 3Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 4Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 5Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 6Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 7Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 8Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 9Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 10Page - Renesas Technology Corp PS9821-2-V-F4 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet PN10471EJ04V0DS
5
PS9821-1,-2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS9821-1
PS9821-2
Diode
Forward Current
IF
20
*1
15
*2
mA
Reverse Voltage
VR
5
V/ch
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V/ch
Output Current
IO
25
mA/ch
Power Dissipation
*3
PC
40
mW/ch
Isolation Voltage
*4
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 0.3 mA/
°C at TA = 60°C or more.
*2 Reduced to 0.1 mA/
°C at TA = 60°C or more.
*3 Applies to output pin VO (collector pin). Reduced to 1.5 mW/
°C at TA = 65°C or more.
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
2.7
3.6
V
Pull-up Resistance
RL
330
4 k
Ω
TLL (RL = 1.0 k
Ω, loads)
N
5


Similar Part No. - PS9821-2-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9821-2-V-F4 CEL-PS9821-2-V-F4 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9821-2-V-F4-A CEL-PS9821-2-V-F4-A Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9821-2-V-F4-AX CEL-PS9821-2-V-F4-AX Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9821-2-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com