Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76413D3S Datasheet(PDF) 5 Page - Intersil Corporation

Part # HUF76413D3S
Description  20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76413D3S Datasheet(HTML) 5 Page - Intersil Corporation

  HUF76413D3S Datasheet HTML 1Page - Intersil Corporation HUF76413D3S Datasheet HTML 2Page - Intersil Corporation HUF76413D3S Datasheet HTML 3Page - Intersil Corporation HUF76413D3S Datasheet HTML 4Page - Intersil Corporation HUF76413D3S Datasheet HTML 5Page - Intersil Corporation HUF76413D3S Datasheet HTML 6Page - Intersil Corporation HUF76413D3S Datasheet HTML 7Page - Intersil Corporation HUF76413D3S Datasheet HTML 8Page - Intersil Corporation HUF76413D3S Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HUF76413D3, HUF76413D3S
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
0.4
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
60
2000
10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
2
4
6
8
10
0
5
10
15
20
0
VDD = 30V
Qg, GATE CHARGE (nC)
ID = 20A
ID = 15A
WAVEFORMS IN
DESCENDING ORDER:
ID = 5A
50
100
150
200
250
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 30V, ID = 15A
tr
tf
td(ON)
td(OFF)
25
50
75
100
125
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 30V, ID = 20A
td(OFF)
tr
td(ON)
tf
HUF76413D3, HUF76413D3S


Similar Part No. - HUF76413D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76413D3S FAIRCHILD-HUF76413D3S Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76413D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com