Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76413D3S Datasheet(PDF) 1 Page - Intersil Corporation

Part # HUF76413D3S
Description  20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76413D3S Datasheet(HTML) 1 Page - Intersil Corporation

  HUF76413D3S Datasheet HTML 1Page - Intersil Corporation HUF76413D3S Datasheet HTML 2Page - Intersil Corporation HUF76413D3S Datasheet HTML 3Page - Intersil Corporation HUF76413D3S Datasheet HTML 4Page - Intersil Corporation HUF76413D3S Datasheet HTML 5Page - Intersil Corporation HUF76413D3S Datasheet HTML 6Page - Intersil Corporation HUF76413D3S Datasheet HTML 7Page - Intersil Corporation HUF76413D3S Datasheet HTML 8Page - Intersil Corporation HUF76413D3S Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
4724.1
CAUTION: These devices are sensitive to electrostatic discharge. Follow proper ESD Handling Procedures.
UltraFET™ is a trademark of Intersil Corporation. PSPICE® is a registered trademark of MicroSim Corporation.
SABER© is a Copyright of Analogy Inc. 1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999.
HUF76413D3, HUF76413D3S
20A, 60V, 0.056 Ohm, N-Channel, Logic
Level UltraFET Power MOSFET
Packaging
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.049Ω, VGS = 10V
-rDS(ON) = 0.056Ω, VGS = 5V
• Simulation Models
- Temperature Compensated PSPICE® and SABER©
Electrical Models
- Spice and SABER© Thermal Impedance Models
- www.Intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves
Ordering Information
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
JEDEC TO-251AA
JEDEC TO-252AA
HUF76413D3
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
HUF76413D3S
GATE
SOURCE
DRAIN
(FLANGE)
D
G
S
PART NUMBER
PACKAGE
BRAND
HUF76413D3
TO-251AA
76413D
HUF76413D3S
TO-252AA
76413D
NOTE: When ordering, use the entire part number. Add the suffix T
to obtain the variant in tape and reel, e.g., HUF76413D3ST.
HUF76413D3,
HUF76413D3S
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±16
V
Drain Current
Continuous (TC= 25
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC= 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC= 100
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC= 100
oC, V
GS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
20
20
15
15
Figure 4
A
A
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .UIS
Figures 6, 17, 18
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
0.4
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
November 1999


Similar Part No. - HUF76413D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76413D3S FAIRCHILD-HUF76413D3S Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76413D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com