Electronic Components Datasheet Search |
|
ADM1172 Datasheet(PDF) 1 Page - Analog Devices |
|
ADM1172 Datasheet(HTML) 1 Page - Analog Devices |
1 / 16 page 2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator Data Sheet ADM1172 Rev. A Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2006–2014 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Controls supply rails from 2.7 V to 16.5 V Allows protected board removal and insertion to a live backplane External sense resistor provides adjustable analog current limit with circuit breaker Peak fault current limited with fast response Charge pumped gate drive for external N-FET switch Power-fail comparator Automatic retry or latch-off during current fault Undervoltage lockout 8-lead, TSOT package APPLICATIONS Hot swap board insertion: line cards, raid systems Industrial high-side switches/circuit breakers Electronic circuit breakers GENERAL DESCRIPTION The ADM1172 is a hot swap controller that safely enables a printed circuit board to be removed and inserted to a live backplane. This is achieved using an external N-channel power MOSFET with a current control loop that monitors the load current through a sense resistor. An internal charge pump is used to enhance the gate of the N-channel FET. When an over- current condition is detected, the gate voltage of the FET is reduced to limit the current flowing through the sense resistor. During an overcurrent condition, the TIMER pin capacitor determines the amount of time the FET remains at a current limiting mode of operation until it is shut down. The ON (ON-CLR) pin is the enable input for the device and can be used to monitor the input supply voltage. The ADM1172 operates with a supply voltage ranging from 2.7 V to 16.5 V. The ADM1172 also features a power-fail comparator. The voltage on the PFI pin is compared with an internal 0.6 V reference, and the output of this comparator is presented on the PFO pin. This device is available in two options: the ADM1172-1 with automatic retry for overcurrent fault and the ADM1172-2 with latch-off for an overcurrent fault. Toggling the ON (ON-CLR) pin resets a latched fault. The ADM1172 is packaged in an 8-lead TSOT. FUNCTIONAL BLOCK DIAGRAM LONG VIN = 5V VOUT = 5V VCC RSENSE Q1 CTIMER LONG SHORT SENSE GATE ON TIMER PFI PFO ADM1172-1 GND GND GND RON1 RON2 RPR1 CLOAD RPR2 Figure 1. |
Similar Part No. - ADM1172_15 |
|
Similar Description - ADM1172_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |