Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC29L05J Datasheet(PDF) 7 Page - NEC

Part # UPC29L05J
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29L05J Datasheet(HTML) 7 Page - NEC

Back Button UPC29L05J Datasheet HTML 3Page - NEC UPC29L05J Datasheet HTML 4Page - NEC UPC29L05J Datasheet HTML 5Page - NEC UPC29L05J Datasheet HTML 6Page - NEC UPC29L05J Datasheet HTML 7Page - NEC UPC29L05J Datasheet HTML 8Page - NEC UPC29L05J Datasheet HTML 9Page - NEC UPC29L05J Datasheet HTML 10Page - NEC UPC29L05J Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
µPC29L00 Series
ELECTRICAL CHARACTERISTICS
µPC29L05 (VIN = 6 V, IO = 40 mA, TJ = 25 ˚C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
4.8
5.0
5.2
V
5.5 V
≤ VIN ≤ 12 V, 1 mA ≤ IO ≤ 40 mA,
4.75
5.25
0 ˚C
≤ TJ ≤ 125 ˚C
VIN = 6 V, 1 mA
≤ IO ≤ 100 mA,
4.75
5.25
0 ˚C
≤ TJ ≤ 125 ˚C
Line Regulation
REGIN
5.5 V
≤ VIN ≤ 12 V
4
30
mV
Load Regulation
REGL
1 mA
≤ IO ≤ 100 mA
35
80
mV
1 mA
≤ IO ≤ 40 mA
15
30
Quiescent Current
IBIAS
IO = 0
1.6
2.0
mA
IO = 100 mA
10
20
mA
Start-up Current
IBIAS(S)
IO = 0 mA, before VO regulation
50
90
mA
Quiescent Current Change
∆IBIAS
6 V
≤ VIN ≤ 12 V, 0 ˚C ≤ TJ ≤ 125 ˚C
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
µVrms
Ripple Rejection
R·R
f = 120 Hz, 6 V
≤ VIN ≤ 11 V
46
62
dB
Dropout Voltage
VDIF
IO = 40 mA, 0 ˚C
≤ TJ ≤ 125 ˚C
0.15
0.3
V
Peak Output Current
IOpeak
VIN = 7 V
210
mA
Short Circuit Current
IOshort
VIN = 12 V
100
mA
Temperature Coefficient of
∆VO/∆TIO = 5 mA, 0 ˚C ≤ TJ ≤ 125 ˚C
0.2
mV/˚C
Output Voltage


Similar Part No. - UPC29L05J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC29L05J RENESAS-UPC29L05J Datasheet
298Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1995
More results

Similar Description - UPC29L05J

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com