Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76439P3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HUF76439P3
Description  71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76439P3 Datasheet(HTML) 2 Page - Intersil Corporation

  HUF76439P3 Datasheet HTML 1Page - Intersil Corporation HUF76439P3 Datasheet HTML 2Page - Intersil Corporation HUF76439P3 Datasheet HTML 3Page - Intersil Corporation HUF76439P3 Datasheet HTML 4Page - Intersil Corporation HUF76439P3 Datasheet HTML 5Page - Intersil Corporation HUF76439P3 Datasheet HTML 6Page - Intersil Corporation HUF76439P3 Datasheet HTML 7Page - Intersil Corporation HUF76439P3 Datasheet HTML 8Page - Intersil Corporation HUF76439P3 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
60
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 75A, VGS = 10V (Figures 9, 10)
-
0.010
0.012
ID = 54A, VGS = 5V (Figure 9)
-
0.0117
0.014
ID = 52A, VGS = 4.5V (Figure 9)
-
0.0125
0.015
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220AB and TO-263AB
-
-
0.96
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 30V, ID = 52A
VGS = 4.5V, RGS = 3.9Ω
(Figures 15, 21, 22)
-
-
470
ns
Turn-On Delay Time
td(ON)
-16-
ns
Rise Time
tr
-
300
-
ns
Turn-Off Delay Time
td(OFF)
-29-
ns
Fall Time
tf
-
105
-
ns
Turn-Off Time
tOFF
-
-
200
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID = 75A
VGS = 10V,
RGS = 3.9Ω
(Figures 16, 21, 22)
-
-
205
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-
125
-
ns
Turn-Off Delay Time
td(OFF)
-45-
ns
Fall Time
tf
-
125
-
ns
Turn-Off Time
tOFF
-
-
255
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 50A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-70
84
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
38
45
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
2.5
3
nC
Gate to Source Gate Charge
Qgs
-8-
nC
Gate to Drain “Miller” Charge
Qgd
-19-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
2745
-
pF
Output Capacitance
COSS
-
840
-
pF
Reverse Transfer Capacitance
CRSS
-
145
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 54A
-
-
1.25
V
ISD = 27A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 54A, dISD/dt = 100A/µs-
-
72
ns
Reverse Recovered Charge
QRR
ISD = 54A, dISD/dt = 100A/µs
-
-
140
nC
HUF76439P3, HUF76439S3S


Similar Part No. - HUF76439P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76439P3 FAIRCHILD-HUF76439P3 Datasheet
210Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76439P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76439P3 FAIRCHILD-HUFA76439P3 Datasheet
294Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76439P3 FAIRCHILD-HUF76439P3 Datasheet
210Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com